Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAR65-03W Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce BAR65-03W
Description  Silicon PIN Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR65-03W Fiches technique(HTML) 1 Page - Infineon Technologies AG

  BAR65-03W Datasheet HTML 1Page - Infineon Technologies AG BAR65-03W Datasheet HTML 2Page - Infineon Technologies AG BAR65-03W Datasheet HTML 3Page - Infineon Technologies AG BAR65-03W Datasheet HTML 4Page - Infineon Technologies AG BAR65-03W Datasheet HTML 5Page - Infineon Technologies AG BAR65-03W Datasheet HTML 6Page - Infineon Technologies AG BAR65-03W Datasheet HTML 7Page - Infineon Technologies AG BAR65-03W Datasheet HTML 8Page - Infineon Technologies AG BAR65-03W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2011-06-14
1
BAR65...
Silicon PIN Diode
• Series diode for mobile communication in
low loss transmit-receiver switches
• Band switch for TV-tuners
• Very low forward resistance (typ. 0.65 Ω @ 5 mA)
• Low capacitance (typ. 0.5 pF @ 0V)
• Fast switching applications
• Pb-free (RoHS compliant) package
BAR65-02L
BAR65-02V
BAR65-03W

Type
Package
Configuration
LS(nH) Marking
BAR65-02L*
BAR65-02V
BAR65-03W
TSLP-2-1
SC79
SOD323
single, leadless
single
single
0.4
0.6
1.8
NN
N
blue M
* Preliminary Data
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Forward current
IF
100
mA
Total power dissipation
BAR65-02L, TS ≤ 128°C
BAR65-02V, TS ≤ 118°C
BAR65-03W, TS ≤ 113°C
Ptot
250
250
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150


Numéro de pièce similaire - BAR65-03W

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAR65-03W SIEMENS-BAR65-03W Datasheet
19Kb / 3P
   Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
logo
Infineon Technologies A...
BAR65-03W INFINEON-BAR65-03W Datasheet
464Kb / 8P
   Silicon PIN Diode
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR65-03W KEXIN-BAR65-03W Datasheet
33Kb / 1P
   Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR65-03W INFINEON-BAR65-03W Datasheet
119Kb / 12P
   Silicon PIN Diode
2007-04-19
More results

Description similaire - BAR65-03W

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com