Moteur de recherche de fiches techniques de composants électroniques |
|
CS4122XDWFR24 Fiches technique(PDF) 9 Page - ON Semiconductor |
|
CS4122XDWFR24 Fiches technique(HTML) 9 Page - ON Semiconductor |
9 / 10 page CS4122 http://onsemi.com 9 PACKAGE DIMENSIONS SO−24L DWF SUFFIX CASE 751E−04 ISSUE E NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. −A− −B− P 12X D 24X 12 13 24 1 M 0.010 (0.25) B M S A M 0.010 (0.25) B S T −T− G 22X SEATING PLANE K C R X 45 _ M F J DIM MIN MAX MIN MAX INCHES MILLIMETERS A 15.25 15.54 0.601 0.612 B 7.40 7.60 0.292 0.299 C 2.35 2.65 0.093 0.104 D 0.35 0.49 0.014 0.019 F 0.41 0.90 0.016 0.035 G 1.27 BSC 0.050 BSC J 0.23 0.32 0.009 0.013 K 0.13 0.29 0.005 0.011 M 0 8 0 8 P 10.05 10.55 0.395 0.415 R 0.25 0.75 0.010 0.029 _ _ _ _ PACKAGE THERMAL DATA Parameter SO−24L Unit RqJC Typical 9 °C/W RqJA Typical 55 °C/W |
Numéro de pièce similaire - CS4122XDWFR24 |
|
Description similaire - CS4122XDWFR24 |