Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

J-STD-020 Fiches technique(PDF) 6 Page - Ecliptek Corporation

No de pièce J-STD-020
Description  Quartz Crystal Clock Oscillators XO (SPXO) LVPECL (PECL) 2.5Vdc 6 Pad 3.2mm x 5.0mm Ceramic Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ECLIPTEK [Ecliptek Corporation]
Site Internet  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

J-STD-020 Fiches technique(HTML) 6 Page - Ecliptek Corporation

  J-STD-020 Datasheet HTML 1Page - Ecliptek Corporation J-STD-020 Datasheet HTML 2Page - Ecliptek Corporation J-STD-020 Datasheet HTML 3Page - Ecliptek Corporation J-STD-020 Datasheet HTML 4Page - Ecliptek Corporation J-STD-020 Datasheet HTML 5Page - Ecliptek Corporation J-STD-020 Datasheet HTML 6Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PART NUMBER DATA SHEET
ECLIPTEK
CORPORATION
R
E15C5H2F-125.000M
Recommended Solder Reflow Methods
Low Temperature Infrared/Convection 240°C
TS MAX to TL (Ramp-up Rate)
5°C/Second Maximum
Preheat
- Temperature Minimum (TS MIN)
N/A
- Temperature Typical (TS TYP)
150°C
- Temperature Maximum (TS MAX)
N/A
- Time (tS MIN)
60 - 120 Seconds
Ramp-up Rate (TL to TP)
5°C/Second Maximum
Time Maintained Above:
- Temperature (TL)
150°C
- Time (tL)
200 Seconds Maximum
Peak Temperature (TP)
240°C Maximum
Target Peak Temperature (TP Target)
240°C Maximum 2 Times / 230°C Maximum 1 Time
Time within 5°C of actual peak (tp)
10 Seconds Maximum 2 Times / 80 Seconds Maximum 1 Time
Ramp-down Rate
5°C/Second Maximum
Time 25°C to Peak Temperature (t)
N/A
Moisture Sensitivity Level
Level 1
Additional Notes
Temperatures shown are applied to body of device.
Low Temperature Manual Soldering
185°C Maximum for 10 Seconds Maximum, 2 times Maximum. (Temperatures shown are applied to body of device.)
High Temperature Manual Soldering
260°C Maximum for 5 Seconds Maximum, 2 times Maximum. (Temperatures shown are applied to body of device.)
www.ecliptek.com | Specification Subject to Change Without Notice | Revision D 02/25/2013 | Page 6 of 6
Ecliptek Corporation 3545 Cadillac Ave., Costa Mesa, CA 92626
1-800-ECLIPTEK or 714.433.1200


Numéro de pièce similaire - J-STD-020

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
J-STD-020 PULSE-J-STD-020 Datasheet
593Kb / 3P
   MDL,SIN,100D,1:1,SM,TU
logo
Broadcom Corporation.
J-STD-020 BOARDCOM-J-STD-020 Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
Lite-On Technology Corp...
J-STD-020C LITEON-J-STD-020C Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
J-STD-020C LITEON-J-STD-020C Datasheet
614Kb / 11P
   Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
More results

Description similaire - J-STD-020

FabricantNo de pièceFiches techniqueDescription
logo
Fox Electronics
C5BS FOX-C5BS Datasheet
191Kb / 3P
   5.0mm x 3.2mm Ceramic SMD Crystal
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
   Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
Fox Electronics
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
   5.0mm x 3.2mm SMD Crystal
logo
Mercury United Electron...
HPK5761 MERCURY-HPK5761 Datasheet
314Kb / 4P
   Differential LVPECL Crystal Clock Oscillators
HPK5361 MERCURY-HPK5361 Datasheet
301Kb / 4P
   Differential LVPECL Crystal Clock Oscillators
logo
Nel Frequency Controls,...
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
   6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
   4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com