Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPLE0303S-W1 Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TPLE0303S-W1
Description  0.1W 1.5KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPLE0303S-W1 Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TPLE0303S-W1 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPLE0303S-W1 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPLE0303S-W1 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPLE-W1 Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
CEOPESTEMPERA
RECOMMENDED FOOTPRINT DETAILS
xxxxxxx
TUBE OUTLINE DIMENSIONS
4Pin SIP Package
8Pin DIP Package
0.65
5.10
12.00
8Pin DIP Tube
4Pin SIP Tube
9.30
5.00
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (8 Pin DIP) :520mm ±2mm.
Tube length (4 Pin SIP) : 520mm ±2mm.
Tube Quantity : 35PCS
2.54
1.15
1.00 4
4HOLES
2.54
1.15
1.00 4
4HOLES
TOPPOWER


Numéro de pièce similaire - TPLE0303S-W1

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPLE0303S-W1 TOPPOWER-TPLE0303S-W1 Datasheet
763Kb / 3P
   0.1W 1.5KVDC Isolated Single Output DC/DC Converters
More results

Description similaire - TPLE0303S-W1

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPLE-W1 TOPPOWER-TPLE-W1_V01 Datasheet
763Kb / 3P
   0.1W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
   0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
   0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL_19 Datasheet
695Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE_V01 Datasheet
762Kb / 3P
   0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL_19 TOPPOWER-TPL_19_04 Datasheet
195Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPE-2W TOPPOWER-TPE-2W Datasheet
254Kb / 3P
   2W 1.5KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com