Moteur de recherche de fiches techniques de composants électroniques |
|
Q-50A Fiches technique(PDF) 7 Page - TE Connectivity Ltd |
|
Q-50A Fiches technique(HTML) 7 Page - TE Connectivity Ltd |
7 / 8 page 6–139 HARTMAN Sensors and Protective Devices 6 For factory-direct application assistance, phone 419-521-9500 or fax 419-526-2749. Catalog 5-1773450-5 Dimensions are shown for Dimensions are in millimeters USA: +1 800 522 6752 For additional support numbers Revised 3-13 reference purposes only. unless otherwise specified. Asia Pacific: +86 0 400 820 6015 please visit www.te.com Specifications subject UK: +44 800 267 666 www.te.com to change. Q-50 Series Relay, Current Indicator, Rated up to 20 Amps, 28 Vdc Mounting Style A Mounting Style B Product Facts n SPST NC or SPST NO n Environmentally sealed n Meets many requirements of MIL-PRF-6106 Performance Data Electrical Characteristics Contact Arrangement — SPST NC, SPST NO or SPDT Contact Rating @ 28 Vdc — Q-50AB-2 — 0.2 Amp Q-50J, — 0.25 Amp Q-50AG — 1.0 Amp Q-50AB-1 — 1 Amp switching, and 2 Amps carry Q50AC — 2 Amp Lamp Load @ 28 Vdc — Q-50AC, Q-50AB-2 — 0.08 Amp Q-50J, Q-50AG — 0.20 Amp Operating Voltage, Nom. — 28 Vdc Sensing Current Rating — 20 Amps continuous, max. except for Q-50AB-1 and Q-50AB-2 which are 10 Amps max. and 15 Amps max. for 3 sec. Q50AC 2 Amps continuous 10 Amps max. for 5 seconds Pickup Max. — Q-50AC — 0.3 Amp Q-50AB-1, Q-50AB-2 — 1.5 Amp Q-50J — 3.5 Amps DC Q-50AG — 6 Amps DC ± 20% Dropout Min. — Q-50AC — 0.1 Amp Q-50J — 0.5 Amp Q-50AB-1, Q-50AB-2 — less than 1 Amp Q-50AG — 2.4 Amp General Characteristics Temperature Range — -55°C to +71°C Altitude, Max. — Q-50J, Q-50AB-1 — 50,000 ft Q-50AC, Q-50AG, Q-50AB-2 — 60,000 ft Weight, Max. — 1.25 oz |
Numéro de pièce similaire - Q-50A |
|
Description similaire - Q-50A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |