Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPG0503S Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited

No de pièce TPG0503S
Description  2W 3KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPG0503S Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited

  TPG0503S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPG0503S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPG0503S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPG Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 2 of 3
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
GΩ
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
700mW
Input voltage Vin, TPG03
5.5V
Input voltage Vin, TPG05
7V
Input voltage Vin, TPG12
15V
Input voltage Vin, TPG15
18V
Input voltage Vin, TPG24
28V
Input voltage Vin, TPG48
54V
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
150
°C
Case Temperature above ambient
TPG05XX
32
°C
Case Temperature above ambient
TPG12XX
27
°C
Case Temperature above ambient
All other output types
25
°C
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
EFFICIENCY VS LOAD
TPG 5V Input Voltage
TPG 12V Input Voltage
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
1
2
3
0%
Output Load Current(%)
+5%
V
NOM
2%
4%
100
75
50
25
10
Typical Load Line
60
70
80
90
3.3V
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
Load(%)
15V
12V
9V
5V
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
Load(%)
3.3V
60
70
80
90


Numéro de pièce similaire - TPG0503S

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPG0503S TOPPOWER-TPG0503S Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG0503S TOPPOWER-TPG0503S Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG0503S-3W TOPPOWER-TPG0503S-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
More results

Description similaire - TPG0503S

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
logo
Toppower Electronic Tec...
TPET-2W TOPPOWER-TPET-2W Datasheet
1Mb / 3P
   2W 3KVDC Isolated Single Output SMD DC/DC Converters
TPD-2W TOPPOWER-TPD-2W Datasheet
684Kb / 3P
   2W 3KVDC Isolated Twin Output DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com