Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPE4805D Fiches technique(PDF) 1 Page - Toppower Electronic Technology Limited

No de pièce TPE4805D
Description  1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE4805D Fiches technique(HTML) 1 Page - Toppower Electronic Technology Limited

  TPE4805D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE4805D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE4805D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPE 15V, 24V &48V Series
www.gztoppower.com
TEL:020-61038836
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPE series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They
offer the ideal solution in many space critical applications for board level power distribution. The
internal SMD construction makes it possible to offer a product with high performance at low cost.
The series offers smaller size, improved efficiency, lower output ripple noise.
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPE1505D
15
5
200/20
71
DIP
TPE1505S
15
5
200/20
71
SIP
TPE1515S
15
15
67/6.7
78
SIP
TPE2403D
24
3.3
303/30.3
71
DIP
TPE2405D
24
5
200/20
70
DIP
TPE2409D
24
9
111/11.1
75
DIP
TPE2412D
24
12
83/8.3
81
DIP
TPE2415D
24
15
66/6.6
81
DIP
TPE2424D
24
24
41.5/4.15
80
DIP
TPE2403S
24
3.3
303/30.3
71
SIP
TPE2405S
24
5
200/20
71
SIP
TPE2409S
24
9
111/11.1
75
SIP
TPE2412S
24
12
83/8.3
80
SIP
TPE2415S
24
15
66/6.6
80
SIP
TPE2424S
24
24
41.5/4.15
80
SIP
TPE4805D
48
5
200/20
70
DIP
TPE4809D
48
9
111/11.1
75
DIP
TPE4812D
48
12
83/8.3
80
DIP
TPE4815D
48
15
66/6.6
80
DIP
TPE4805S
48
5
200/20
70
SIP
TPE4809S
48
9
111/11.1
75
SIP
TPE4812S
48
12
83/8.3
81
SIP
TPE4815S
48
15
66/6.6
81
SIP
Add suffix “P” for continuous short circuit protection, for example TPE2405SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
15V input
13.4
15
16.4
V
Voltage range
24V input
21.6
24
26.4
V
Voltage range
48V input
43.2
48
52.8
V
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= -40ºC to 85ºC
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
Load Regulation(10% load to rated load)
5V output
15
%
Load Regulation(10% load to rated load)
all other output
10
%
All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant、CE certification
Single isolated output
SIP:1KVDC isolation
DIP: 2KVDC isolation
Efficiency up to 81%
Power density1.45W/cm
3
UL 94V-0 Package material
Footprint from 0.69cm
2
Industry Standard Pinout
Input voltage: 15V,24V,48V
Output voltage: 3.3V,5V, 9V, 12V,15V,24V
Custom solutions available
Operating temperature :-40ºC to 85ºC
TOPPOWER


Numéro de pièce similaire - TPE4805D

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPE4805D TOPPOWER-TPE4805D Datasheet
634Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE4805D TOPPOWER-TPE4805D Datasheet
385Kb / 3P
   TPE 15V, 24V &48V Series
TPE4805D TOPPOWER-TPE4805D Datasheet
709Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results

Description similaire - TPE4805D

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1 MURATA-PS-MEA1 Datasheet
249Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com