Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD050505S-W5 Fiches technique(PDF) 1 Page - Toppower Electronic Technology Limited

No de pièce TPD050505S-W5
Description  0.5W Isolated Twin Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD050505S-W5 Fiches technique(HTML) 1 Page - Toppower Electronic Technology Limited

  TPD050505S-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD050505S-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD050505S-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPD-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION:
The TPD-W5 series are miniature, isolated 0.5W DC/DC-converters with twin output
voltage in a SIP and DIP package. They offer the ideal solution in many space critical
applications for board level power distribution. The internal SMD construction makes it
possible to offer a product with high performance at low cost. The series offers smaller size,
improved efficiency, lower output ripple noise and 3KVDC isolation.
0.5W Isolated Twin Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input
Voltage
Output
Voltage 1
Output
Voltage 2
Output
Current 1
Output
Current 2
Efficiency
Package
Style
V
V
V
mA
mA
%
TPD050503D-W5
5
5
3.3
50
75
70
DIP
TPD050505D-W5
5
5
5
50
50
71
DIP
TPD050509D-W5
5
5
9
50
28
80
DIP
TPD050512D-W5
5
5
12
50
21
80
DIP
TPD050515D-W5
5
5
15
50
17
79
DIP
TPD050503S-W5
5
5
3.3
50
75
70
SIP
TPD050505S-W5
5
5
5
50
50
70
SIP
TPD050509S-W5
5
5
9
50
28
79
SIP
TPD050512S-W5
5
5
12
50
21
80
SIP
TPD050515S-W5
5
5
15
50
17
81
SIP
TPD120505D-W5
12
5
5
50
50
70
DIP
TPD120509D-W5
12
5
9
50
28
80
DIP
TPD120512D-W5
12
5
12
50
21
80
DIP
TPD120515D-W5
12
5
15
50
17
79
DIP
TPD120505S-W5
12
5
5
50
50
70
SIP
TPD120509S-W5
12
5
9
50
28
80
SIP
TPD120512S-W5
12
5
12
50
21
79
SIP
TPD120515S-W5
12
5
15
50
17
80
SIP
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
5V input types
4.5
5.0
5.5
V
Voltage range
12V input types
11
12
13
V
FEATURES
RoHS compliant
Twin independent output
Input/output isolation 3KVDC
Output/output isolation 3KVDC
Power sharing on output
Efficiency up to 80%
UL 94V-0 package material
Footprint from 1.17cm
2
Input voltage: 5V, 12V
Output one: 5V
Output two: 3.3V, 5V, 9V, 12V, 15V
Operating temperature: -40
℃to 85ºC
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated power
TA= -40
℃to 85℃
0.5
W
Voltage set point accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%/%
Load regulation(10% load to rated load)
3.3V output variants
14
%
Load regulation(10% load to rated load)
5V output variants
14
%
Load regulation(10% load to rated load)
9V output variants
9
%
Load regulation(10% load to rated load)
12V output variants
9
%
Load regulation(10% load to rated load)
15V output variants
9
%


Numéro de pièce similaire - TPD050505S-W5

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPD050505S-W5 TOPPOWER-TPD050505S-W5 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results

Description similaire - TPD050505S-W5

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
logo
Microdc power Technolog...
RB-XLS MICRODC-RB-XLS Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Microdc power Technolog...
D-XNS MICRODC-D-XNS Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
C&D Technologies
NMD CANDD-NMD Datasheet
116Kb / 2P
   Isolated 1W Twin Output DC-DC Converters
logo
Microdc power Technolog...
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D-XS-1W MICRODC-D-XS-1W Datasheet
937Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Toppower Electronic Tec...
TPD TOPPOWER-TPD Datasheet
189Kb / 3P
   1W Isolated Twin Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com