Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP10DC24D05 Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited

No de pièce TP10DC24D05
Description  10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DC24D05 Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited

  TP10DC24D05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DC24D05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DC24D05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10DC24D05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP10DC Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 2 of 4
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to Output
500
1500
VDC
Isolation resistance
Input to Output
100M
ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5 x 105
hrs
Over-current protection mode
Full input range
Auto recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1…1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1…1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary
circuit of the load with at least 25%, the main circuit
with the full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Transient recovery time
25% load change
±5
%
Transient overshoot range
25% load change
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
The12V input module(9V-18V)
8.8
9
9.3
VDC
Startup voltage
The24V input module(18V-36V)
18
VDC
Startup voltage
The48Vinput module(36V-72V)
36
VDC
Startup voltage
The24V input module(18V-36V)
8.8
9
9.3
VDC
Startup voltage
The48Vinput module(36V-72V)
18
VDC
Start time
Input rising time from 5%-100%
20
ms
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Storage Humidity
Non condensing
5
+95
%
Operating Temperature
Power derating (above 71℃
-40
+85
Storage Temperature
-55
+125
Max. Case Temperature
Operating Temperature curve range
105
Lead Temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.
TOPPOWER


Numéro de pièce similaire - TP10DC24D05

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DA24D12 TOPPOWER-TP10DA24D12 Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Description similaire - TP10DC24D05

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
   50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com