Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP08DA48D05 Fiches technique(PDF) 4 Page - Toppower Electronic Technology Limited

No de pièce TP08DA48D05
Description  8W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP08DA48D05 Fiches technique(HTML) 4 Page - Toppower Electronic Technology Limited

  TP08DA48D05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP08DA48D05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP08DA48D05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP08DA48D05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP08DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 / 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT:
Dual Output
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.


Numéro de pièce similaire - TP08DA48D05

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TP0011A TAI-SAW-TP0011A Datasheet
286Kb / 6P
   OCXO PTH 36.2mmx27.2mm 20MHz
REV. NO.: 1.0
TP0019A TAI-SAW-TP0019A Datasheet
315Kb / 6P
   OCXO SMD 25.4mmx22mm 10MHz
REV. NO.: 1.0
TP0026A TAI-SAW-TP0026A Datasheet
277Kb / 4P
   OCXO SMD 14.1mmx9.1mm 20MHz
REV. NO.: 1.0
logo
Crydom Inc.,
TP01 CRYDOM-TP01 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Toppower Electronic Tec...
TP01(02)AZ TOPPOWER-TP01(02)AZ Datasheet
261Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
More results

Description similaire - TP08DA48D05

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
A800ERW MPD-A800ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
MR0802S-03RUI MPD-MR0802S-03RUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
   40W Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP12DC TOPPOWER-TP12DC Datasheet
152Kb / 4P
   12W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com