Moteur de recherche de fiches techniques de composants électroniques |
|
TS322600LCKNBXXZC-PF Fiches technique(PDF) 1 Page - Advanced Crystal Technology |
|
TS322600LCKNBXXZC-PF Fiches technique(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page (V)TSK3225 Series Parameters Specification Remarks Frequency range F_nom 12.0MHz ~ 54.0MHz Supply voltage Vcc 1.8V ~ 3.0V Frequency stability ±0.5ppm over temp. 2.5V ~ 3.4V Frequency stability ±2.0ppm over temp. Initial frequency tolerance F_tol ±1.0ppm max. At +25°C±2°C Frequency stability vs Temperature F_stb ±0.5ppm ~ ±3.0ppm Table 1 vs Load F_load ±0.2ppm max. ±10% load condition change vs Voltage F_Vcc ±0.2ppm max. ±5% input voltage change vs Aging F_age ±1.0ppm/year max. At +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs Operating temperature range (°C) Topr 0°C ~ +50°C to ‐40°C ~ +85°C Table 1 Storage temperature (°C) Tstg ‐40°C ~ +85°C Output wave form Clipped sine wave Output voltage level 0.8V p‐p (min.) Output Load 10KΩ//10pF Current consumption Icc 2mA max. Phase noise (dBc/Hz) ‐130dBc/Hz 1kHz offset VC‐TCXO option only Control voltage Vc For 2.5V ~ 3.4V : 1.4V ± 1.0V , 1.5V ± 1.0V Normally Vcc/2 ± 0.6 ~ 1.0V For 1.8V ~ 3.0V : 0.9V ± 0.6V , 1.4V ± 1.0V Normally Vcc/2 ± 1.0 ~ 1.35V Frequency tuning (ppm) ±5.0ppm, ±10.0ppm Linearity/Slope polarity ±10.0% max/Positive slope ESD sensitive device Yes Moisture sensitive level (MSL) 1 Note: 1 The voltage is specified as a range. However we do need a specific voltage to be specified to use at test and inspection. Consequently when enquiring a specific voltage within the range must be specified. Device will function over the entire range, however the full specification is guaranteed within ±5 of specific voltage. Table 1 Frequency stability vs Temperature Temp. (°C) Stability in ppm ±0.5 ±1.0 ±1.5 ±2.0 ±2.5 ±3.0 0°C to 50°C √ √ √√√√ ‐10°C to 60°C √ √ √√√√ ‐20°C to 70°C √ √ √√√√ ‐30°C to 75°C √ √ √√√√ ‐30°C to 85°C √ √ √√√√ ‐40°C to 85°C X √ √√√√ Pad 1 : Control voltage (VCTCXO). No connection(TCXO) Pad 2 : Ground Pad 3 : Output Pad 4 : Supply voltage Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave Dimensions(Unit:mm) From ±0.5ppm stability over 0°C to 50°C 3.2 0.60 1.88 2.48 1.00 1 2 3 4 1 2 3 4 Land pattern 1.00 mm Bottom view Top view 1 2 34 |
Numéro de pièce similaire - TS322600LCKNBXXZC-PF |
|
Description similaire - TS322600LCKNBXXZC-PF |