Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7552A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce KA7552A
Description  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7552A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  KA7552A Datasheet HTML 1Page - Fairchild Semiconductor KA7552A Datasheet HTML 2Page - Fairchild Semiconductor KA7552A Datasheet HTML 3Page - Fairchild Semiconductor KA7552A Datasheet HTML 4Page - Fairchild Semiconductor KA7552A Datasheet HTML 5Page - Fairchild Semiconductor KA7552A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA7552A/KA7553A
3
Electrical Characteristics (Continued)
(VCC = 18V, FOSC = 135kHz, TA = 25°C, unless otherwise specified)
Note :
1. These parameters, although guaranteed, are not 100% tested in production.
2. Recommend operating condition :
- Vcc(min) = 12V
-RT = 3.3kΩ ~ 10kΩ
- Oscillation frequency = 5kHz ~ 600kHz
- Soft start capacitor(CS) = 0.1uF ~ 1uF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
UNDER VOLTAGE LOCKOUT SECTION
Start-up threshold voltage
VTH(ST)
-
15.5
16.0
16.5
V
Minimum operating voltage
VOPR(Min)
-
8.20
8.70
9.20
V
Hysteresis
VHYS
-
6.40
7.30
8.20
V
ON/OFF CONTROL SECTION
Source current(pin8)
ISOURCE(CS) VPIN8 = 0V
-15
-10
-5
uA
On threshold voltage
VTH(ON)
VPIN8 : OFF->ON
0.45
0.56
0.70
V
Off threshold voltage
VTH(OFF)
VPIN8 : ON -> OFF
0.30
0.42
0.55
V
OUTPUT SECTION
Low output voltage
VOL
IO = 100mA, VCC = 18V
-
1.3
1.8
V
High output voltage
VOH
IO = -100mA, VCC = 18V
16.0
16.5
18.0
V
Rise time(Note1)
TR
No load
-
50
-
ns
Fall time(Note1)
TF
No load
-
50
-
ns
OVERALL
Stand-by current
ISB
VCC = 14V
-
90
150
uA
Operating current
ICC(OPR)
VPIN2 = 0V
-
9
15
mA
Power supply current off
ICC(OFF)
VPIN8 = 0V
-
1.1
1.8
mA
Power supply current shutdown
ICC(SD)
VPIN8 = 7.6V
-
1.1
1.8
mA


Numéro de pièce similaire - KA7552A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
KA7552A ONSEMI-KA7552A Datasheet
346Kb / 6P
   SMPS Controller
October-2017, Rev. 2
More results

Description similaire - KA7552A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com