Moteur de recherche de fiches techniques de composants électroniques |
|
TT532600LEBNEXXSE-PF Fiches technique(PDF) 2 Page - Advanced Crystal Technology |
|
TT532600LEBNEXXSE-PF Fiches technique(HTML) 2 Page - Advanced Crystal Technology |
2 / 3 page TCXO part number generation TT53 2600 M B X N E N X X L ‐PF ACT series Code Frequency (MHz) Ex. 26.00MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Mechanical tuning (±ppm) Polarity Duty cycle (%/%) Tape & Reel RoHS TT53 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 2.5V = C 3.0V = E 3.3V = B 5.0V = A 0 ~ +50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30 ~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K None = NHCMOS = E HCMOS/TTL = J None = XNone = X40/60 = S 45/55 = H Loose = L 1000 = C 2000 = E ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example Part Number : TT532600MBXNEXXHL‐PF [26MHz], TT531474MBXNEXXHL‐PF‐PF [14.7456MHz] VC‐TCXO part number generation VTT53 1474 M B X E B X D P E Z L ‐PF ACT series Code Frequency (MHz) Ex. 14.7456MHz Temp. stability (±ppm) Supply voltage (V) Operating temp. range (°C) Frequency tuning (±ppm) Output wave Form Mechanical tuning (±ppm) Electrical tuning (±ppm) Polarity Linearity Duty Cycle (%/%) Tape & Reel RoHS code VTT53 < 100MHz First 4 digit of frequency > 100MHz First 5 digit of frequency 0.5 = R 1.0 = P 1.5 = O 2.0 = N 2.5 = M 3.0 = L 2.5V = C 3.0V = E 3.3V = B 5.0V = A 0 ~+50 = D ‐10 ~ +60 = F ‐20 ~ +70 = B ‐30~ +75 = W ‐30 ~ +85 = X ‐40 ~ +85 = K Voltage Control Only = E HCMOS = E HCMOS/TTL = J None = X ±5.0 = D Positive = P ±10% = E 40/60 = S 45/55 = H Loose = L 1000 = C 2000 = E ‐PF Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below. Full Example Part Number : VTT531474MBXEEXDPEHL‐PF (14.7456MHz) (V)TCT53‐4 Series TCXO/VC‐TCXO, 5.0 x 3.2mm, HCMOS/TTL Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification |
Numéro de pièce similaire - TT532600LEBNEXXSE-PF |
|
Description similaire - TT532600LEBNEXXSE-PF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |