Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145507 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC145507
Description  PCM CODEC FILTER MONO CIRCUIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145507 Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC145507 Datasheet HTML 2Page - Motorola, Inc MC145507 Datasheet HTML 3Page - Motorola, Inc MC145507 Datasheet HTML 4Page - Motorola, Inc MC145507 Datasheet HTML 5Page - Motorola, Inc MC145507 Datasheet HTML 6Page - Motorola, Inc MC145507 Datasheet HTML 7Page - Motorola, Inc MC145507 Datasheet HTML 8Page - Motorola, Inc MC145507 Datasheet HTML 9Page - Motorola, Inc MC145507 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC145506
•MC145507•MC145508
MOTOROLA
6
MODE CONTROL LOGIC (VSS to VDD = 4.75 V to 12.6 V, TA = –40° to 85°C)
Characteristic
Min
Typ
Max
Unit
VLS Voltage for HCMOS Mode (HCMOS Logic Levels Referenced to VLS)
VSS
VDD – 4.0
V
VLS Voltage for CMOS Mode (CMOS Logic Levels of VSS to VDD)
VDD – 0.5
VDD
V
Mu/A Select Voltage
Mu–Law Mode
Sign Magnitude Mode
A–Law Mode
VDD – 0.5
VAG – 0.5
VSS
VDD
VAG + 0.5
VSS + 0.5
V
RSI Voltage for Reference Select Input (MC145506)
3.78 V Mode
2.5 V Mode
3.15 V Mode
VDD – 0.5
VAG – 0.5
VSS
VDD
VAG + 0.5
VSS + 0.5
V
Vref Voltage for Internal or External Reference (MC145506 Only)
Internal Reference Mode
External Reference Mode
VSS
VAG + 0.5
VSS + 0.5
VDD – 1.0
V
Analog Test Mode Selection Frequency, MS = CCI (MC145506 Only)
See Pin Description; Test Modes
128
kHz
SWITCHING CHARACTERISTICS (VSS to VDD = 9.5 V to 12.6 V, TA = –40° to 85°C, CL = 150 pF, CMOS or HCMOS Mode)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Rise Time
TDD
Output Fall Time
tTLH
tTHL
30
30
80
80
ns
Input Rise Time
TDE, TDC, RCE, RDC, DC, MSI, CCI
Input Fall Time
tTLH
tTHL
4
4
µs
Pulse Width
TDE Low, TDC, RCE, RDC, DC, MSI, CCI
tw
100
ns
Data Clock Pulse Frequency
TDC, RDC, DC
fCL
64
4096
kHz
CCI Clock Pulse Frequency (MSI = 8 kHz)
This Pin Will Accept One of These Discrete Clock Frequencies and
Will Compensate to Produce Internal Sequencing
fCL1
fCL2
fCL3
fCL4
fCL5
128
1536
1544
2048
2560
kHz
Propagation Delay Time
TDE Rising to TDD Low Impedance
HCMOS
CMOS
TDE Falling to TDD High Impedance
HCMOS
CMOS
TDC Rising Edge to TDD Data, During TDE High
HCMOS
CMOS
TDE Rising Edge to TDD Data, During TDC High
HCMOS
CMOS
tP1
tP2
tP3
tP4
90
90
90
90
90
90
180
150
55
40
180
150
180
150
ns
TDC Falling Edge to TDE Rising Edge Setup Time
tsu1
20
ns
TDE Rising Edge to TDC Falling Edge Setup Time
tsu2
100
ns
TDE Falling Edge to TDC Rising Edge to Preserve the Next TDD Data
tsu8
20
ns
RDC Falling Edge to RCE Rising Edge Setup Time
tsu3
20
ns
RCE Rising Edge to RDC Falling Edge Setup Time
tsu4
100
ns
RDD Valid to RDC Falling Edge Setup Time
tsu5
60
ns
CCI Falling Edge to MSI Rising Edge Setup Time
tsu6
20
ns
MSI Rising Edge to CCI Falling Edge Setup Time
tsu7
100
ns
RDD Hold Time from RDC Falling Edge
th
100
ns
TDE, TDC, RCE, RDC, RDD, DC, MSI, CCI Input Capacitance
10
pF
TDE,TDC, RCE, RDC, RDD, DC, MSI, CCI Input Current
±0.01
±0.2
µA
TDD Capacitance During High Impedance (TDE Low)
12
15
pF
TDD Input Current During High Impedance (TDE Low)
±0.1
±10.0
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC145507

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145501 MOTOROLA-MC145501 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145502 MOTOROLA-MC145502 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Description similaire - MC145507

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com