Moteur de recherche de fiches techniques de composants électroniques |
|
LA-075-24-02-00-00 Fiches technique(PDF) 1 Page - Laird Tech Smart Technology |
|
LA-075-24-02-00-00 Fiches technique(HTML) 1 Page - Laird Tech Smart Technology |
1 / 3 page LA‐075‐24‐02‐00‐00 Liquid‐to‐Air Thermoelectric Assembly Americas: +1.919.597.7300 Europe: +46.31.420530 Asia: +86.755.2714.1166 ets.sales@lairdtech.com www.lairdtech.com Thermoelectric cooling unit for medical and industrial applications The Liquid‐to‐Air Series thermoelectric assembly (TEA) offers dependable, compact performance by cooling objects via liquid to transfer heat. Heat is absorbed through a liquid heat exchanger and dissipated thru a high density heat sink equipped with an air ducted shroud and brand name fan. The thermoelectric modules are custom designed to achieve a high coefficient of performance (COP) to minimize power consumption. This product series is available in a wide range of cooling capacities and voltages. Custom configurations are available, however, MOQ applies. FEATURES Compact form factor Precise temperature control Reliable solid‐state operation DC operation RoHS compliant APPLICATIONS Medical Diagnostics Industrial Lasers Medical Lasers Analytical Instrumentation |
Numéro de pièce similaire - LA-075-24-02-00-00 |
|
Description similaire - LA-075-24-02-00-00 |