Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF2804S-7P Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF2804S-7P
Description  AUTOMOTIVE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF2804S-7P Fiches technique(HTML) 2 Page - International Rectifier

  IRF2804S-7P Datasheet HTML 1Page - International Rectifier IRF2804S-7P Datasheet HTML 2Page - International Rectifier IRF2804S-7P Datasheet HTML 3Page - International Rectifier IRF2804S-7P Datasheet HTML 4Page - International Rectifier IRF2804S-7P Datasheet HTML 5Page - International Rectifier IRF2804S-7P Datasheet HTML 6Page - International Rectifier IRF2804S-7P Datasheet HTML 7Page - International Rectifier IRF2804S-7P Datasheet HTML 8Page - International Rectifier IRF2804S-7P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF2804S-7P
2
www.irf.com
S
D
G
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C,
L=0.049mH, RG = 25Ω, IAS = 160A, VGS =10V.
Part not recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to
80% VDSS.
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
† This value determined from sample failure population. 100%
tested to this value in production.
‡ This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ of approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.028
–––
V/°C
RDS(on) SMD
Static Drain-to-Source On-Resistance
–––
1.2
1.6
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
220
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
170
260
nC
Qgs
Gate-to-Source Charge
–––
63
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
71
–––
td(on)
Turn-On Delay Time
–––
17
–––
ns
tr
Rise Time
–––
150
–––
td(off)
Turn-Off Delay Time
–––
110
–––
tf
Fall Time
–––
105
–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
6930
–––
pF
Coss
Output Capacitance
–––
1750
–––
Crss
Reverse Transfer Capacitance
–––
970
–––
Coss
Output Capacitance
–––
5740
–––
Coss
Output Capacitance
–––
1570
–––
Coss eff.
Effective Output Capacitance
–––
2340
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
320
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
1360
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
43
65
ns
Qrr
Reverse Recovery Charge
–––
48
72
nC
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 160A
e
TJ = 25°C, IF = 160A, VDD = 20V
di/dt = 100A/µs
e
TJ = 25°C, IS = 160A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V
d
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 32V
ƒ = 1.0MHz, See Fig. 5
RG = 2.6Ω
ID = 160A
VDS = 10V, ID = 160A
VDD = 20V
ID = 160A
VGS = 20V
VGS = -20V
VDS = 32V
VGS = 10V
e


Numéro de pièce similaire - IRF2804S-7P

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
298Kb / 11P
   Advanced Process Technology
IRF2804S-7PPBF IRF-IRF2804S-7PPBF Datasheet
668Kb / 11P
   HEXFET짰 Power MOSFET
IRF2804S-7PPBF IRF-IRF2804S-7PPBF Datasheet
286Kb / 10P
   Advanced Process Technology
IRF2804S-7PPBF IRF-IRF2804S-7PPBF_15 Datasheet
286Kb / 10P
   Advanced Process Technology
More results

Description similaire - IRF2804S-7P

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com