Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8661ACPZ-REEL7 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8661ACPZ-REEL7
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8661ACPZ-REEL7 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8661ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8661ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8661/AD8662/AD8664
Rev. E | Page 9 of 16
TEMPERATURE (°C)
–40
0
450
400
350
300
250
200
150
100
50
120
100
80
40
60
20
0
–20
(VDD – VOH) AT VS = 16V
VOL AT VS = 16V
IL = 10mA
Figure 13. Output Swing Saturation Voltage vs. Temperature, IL = 10 mA
FREQUENCY (Hz)
10k
100k
1M
10M
–60
80
315
270
225
180
135
90
45
0
60
40
20
0
–20
–40
GAIN
PHASE
VS = 5V AND 16V
RL = 100kΩ
CL = 15pF
Figure 14. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
100
1k
0.01
1k
100
10
1
0.1
10M
1M
100k
10k
VDD = 16V
AV = 1
AV = 100
AV = 10
Figure 15. Closed-Loop Output Impedance vs. Frequency
FREQUENCY (Hz)
100
1k
0
140
120
100
80
60
40
20
10M
1M
100k
10k
VS = 5V AND 16V
Figure 16. CMRR vs. Frequency
FREQUENCY (Hz)
1k
0
140
120
100
80
60
40
20
10M
1M
100k
10k
VS = 5V AND 16V
Figure 17. PSRR vs. Frequency
LOAD CAPACITANCE (pF)
10
0
70
60
50
40
30
20
10
1k
100
OS+
OS–
VS = ±2.5 AND ±8V
G = +1
RL = 100kΩ
Figure 18. Small Signal Overshoot vs. Load Capacitance


Numéro de pièce similaire - AD8661ACPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8661ACPZ-REEL7 AD-AD8661ACPZ-REEL7 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
More results

Description similaire - AD8661ACPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com