Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8392AAREZ-RL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8392AAREZ-RL
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8392AAREZ-RL Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8392AAREZ-RL Datasheet HTML 5Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 6Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 7Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 8Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 9Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 10Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 11Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 12Page - Analog Devices AD8392AAREZ-RL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD8392A
Data Sheet
Rev. A | Page 10 of 12
MULTITONE POWER RATIO
The DMT signal used in ADSL/ADSL2+ systems carries data in
discrete tones or bins, which appear in the frequency domain in
evenly spaced 4.3125 kHz intervals. In applications using this
type of waveform, multitone power ratio (MTPR) is a commonly
used measure of linearity. MTPR is defined as the measured
difference from the peak of one tone that is loaded with data to
the peak of an adjacent tone that is intentionally left empty.
Figure 19 and Figure 20 show the AD8392A MTPR for a 5.5
crest factor waveform for empty bins in the ADSL and extended
ADSL2+ bandwidths.
0
–100
CENTER 646.9kHz
SPAN 10kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 19. MTPR at 647 kHz
0
–100
CENTER 1.9664kHz
SPAN 10kHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 20. MTPR at 1.966 MHz


Numéro de pièce similaire - AD8392AAREZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8392AAREZ-RL AD-AD8392AAREZ-RL Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
More results

Description similaire - AD8392AAREZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392 AD-AD8392 Datasheet
529Kb / 16P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com