Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD068AN03L Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDD068AN03L
Description  N-Channel PowerTrench MOSFET 30V, 35A, 6.8m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD068AN03L Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDD068AN03L Datasheet HTML 1Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 2Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 3Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 4Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 5Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 6Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 7Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 8Page - Fairchild Semiconductor FDD068AN03L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
December 2003
FDD068AN03L / FDU068AN03L Rev. B1
FDD068AN03L / FDU068AN03L
N-Channel PowerTrench® MOSFET
30V, 35A, 6.8m
Features
•rDS(ON) = 5.7mΩ (Typ.), VGS = 4.5V, ID = 35A
•Qg(5) = 24nC (Typ.), VGS = 5V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Applications
• 12V Automotive Load Control
• Starter / Alternator Systems
• Electronic Power Steering Systems
•ABS
• DC-DC Converters
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
35
A
Continuous (TC < 154
oC, V
GS = 10V)
Continuous (TC < 150
oC, V
GS = 4.5V)
35
A
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 52
oC/W)
17
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
168
mJ
PD
Power dissipation
80
W
Derate above 25oC0.53
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252, TO-251
1.88
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, TO-251
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
D
G
S
G DS
I-PAK
(TO-251AA)
G
S
D
TO-252
D-PAK
(TO-252)


Numéro de pièce similaire - FDD068AN03L

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FDD068AN03L ISC-FDD068AN03L Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FDD068AN03L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDMS8672S FAIRCHILD-FDMS8672S Datasheet
388Kb / 8P
   N-Channel PowerTrench SyncFET 30V, 35A, 5mohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com