Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

66T0190-70P Fiches technique(PDF) 1 Page - Laird Tech Smart Technology

No de pièce 66T0190-70P
Description  Cosmetic Specification refer to WI-QA-015
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

66T0190-70P Fiches technique(HTML) 1 Page - Laird Tech Smart Technology

  66T0190-70P Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66T0190-70P
MM
INCHES
MM
INCHES
OD
4.83
(.190)
±
.15
(.006)
ID
2.29
(.090)
±
.15
(.006)
TH
4.45
(.176)
±
.15
(.006)
SINGLE PARAYLENE
OD
4.83
(.190)
±
.20
(.008)
ID
2.29
(.090)
±
.20
(.008)
TH
4.45
(.176)
±
.20
(.008)
WEIGHT / K
0.346
INITIAL PERMEABILITY
3200
L1-1T
-25.0%
1.59
-
-
100
2.73
10
1
Q Ref.
30
TYPE
Min. DLB
VAC
1000
NOTES:
1. DC BIAS REQUIREMENT:
100 kHz /100 mV / 20 turns / 38 AWG
DC Bias (mA)
24.0
Min. Inductance (uH): ( 0 to 70
380.0
2. Cosmetic Specification refer to WI-QA-015.
3. 烧结后产品外观如下图,产品需要倒角去毛刺。
Rev
Description
Date
INT
A
Original Draft
2011/6/29 Jcai
B
Updated DLB spec to 1000VAC
2015/4/16 Jcai
C
Add Notes 3
2015/6/1
Jcai
Date: 2015/6/1
DWG # 66T0190-70P-C
Rev:
Drawn By: Jcai
Title # 66T0190-70P
C
UNCONTROLLED DOCUMENT - FOR REFERENCE ONLY
FREQ.
(kHz)
VOLT.
(mV)
GAUSS
CORE DIMENSIONS
UNCOATED CORE
TURNS
2.120
.7627 LBS
ELECTRICAL SPECIFICATION
MIN.
TOL.
MIN.
(mH)
NOM.
(mH)
MAX.
(mH)
MAX.
TOL.
Laird This document contains information which is proprietary to laird. No production or publication of
this document in whole or in part shall be made without written authorization from Laird.
COATING SPECIFICATIONS
Ref. Coating
(mm / mils.)
TEST FORCE (LB)
Paraylene
(0.0127 / 0.5)
.22
OD
ID
TH
A
A


Numéro de pièce similaire - 66T0190-70P

FabricantNo de pièceFiches techniqueDescription
logo
Laird Tech Smart Techno...
66T0190-80P LSTD-66T0190-80P Datasheet
49Kb / 1P
   INITIAL PERMEABILITY
More results

Description similaire - 66T0190-70P

FabricantNo de pièceFiches techniqueDescription
logo
Laird Tech Smart Techno...
66T0153-40P LSTD-66T0153-40P Datasheet
49Kb / 1P
   Cosmetic Specification refer to WI-QA-015
HFB152034-000 LSTD-HFB152034-000 Datasheet
100Kb / 1P
   cosmetic specification refer to wl-qa-038
HFB170070-000 LSTD-HFB170070-000 Datasheet
95Kb / 1P
   cosmetic specification refer to wl-qa-038
28R0315-200 LSTD-28R0315-200 Datasheet
82Kb / 1P
   cosmetic specification refer to wl-qa-038
HFB123049-000 LSTD-HFB123049-000 Datasheet
106Kb / 1P
   cosmetic specification refer to wl-qa-038
28R1141-010 LSTD-28R1141-010 Datasheet
106Kb / 1P
   cosmetic specification refer to wl-qa-038
28S2011-0P0 LSTD-28S2011-0P0 Datasheet
79Kb / 1P
   cosmetic specification refer to wl-qa-038
28B1540-000 LSTD-28B1540-000 Datasheet
103Kb / 1P
   cosmetic specification refer to wl-qa-038
MM0650-100 LSTD-MM0650-100 Datasheet
70Kb / 1P
   cosmetic specification refer to wl-qa-038
LFB360230-300 LSTD-LFB360230-300 Datasheet
138Kb / 1P
   cosmetic specification refer to wl-qa-038
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com