Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC2900-EVM Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC2900-EVM
Description  Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2900-EVM Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  DAC2900-EVM Datasheet HTML 1Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 2Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 3Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 4Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 5Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 6Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 7Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 8Page - Burr-Brown (TI) DAC2900-EVM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DAC2900
4
SBAS166B
PIN
DESIGNATOR
DESCRIPTION
1-10
D[9:0]_1
Data Port DAC1, Data Bit 9 (MSB) to Bit 0 (LSB).
11-14
NC
No Connection
15
DGND
Digital Ground
16
+VD
Digital Supply, +3.0V to +5.5V
17
WRT1
DAC1 Input Latches Write Signal
18
CLK1
Clock Input DAC1
19
CLK2
Clock Input DAC2
20
WRT2
DAC2 Input Latches Write Signal
21
DGND
Digital Ground
22
+VD
Digital Supply, +3.0V to +5.5V
23-32
D[9:0]_2
Data Port DAC2, Data Bit 9 (MSB) to Bit 0 (LSB).
33-36
NC
No Connection
37
PD
Power-Down Function Control Input; “H” = DAC in power-down mode; “L” = DAC in normal operation (Internal pull-down for default “L”).
38
AGND
Analog Ground
39
IOUT2
Current Output DAC2. Full-scale with all bits of data port 2 high.
40
IOUT2
Complementary Current Output DAC2. Full-scale with all bits of data port 2 low.
41
FSA2
Full-Scale Adjust, DAC2. Connect External RSET Resistor
42
GSET
Gain-Setting Mode (H = 1 Resistor, L = 2 Resistor)
43
REFIN
Internal Reference Voltage output; External Reference Voltage input. Bypass with 0.1µF to AGND for internal reference
operation.
44
FSA1
Full-Scale Adjust, DAC1. Connect External RSET Resistor
45
IOUT1
Complementary Current Output DAC1. Full-scale with all bits of data port 1 low.
46
IOUT1
Current Output DAC1. Full-scale with all bits of data port 1 high.
47
+VA
Analog Supply, +3.0V to +5.5V
48
NC
No Connection
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
TQFP-48
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
DAC2900
NC
NC
NC
NC
D0_2
D1_2
D2_2
D3_2
D4_2
D5_2
D6_2
D7_2
D9_1 (MSB)
D8_1
D7_1
D6_1
D5_1
D4_1
D3_1
D2_1
D1_1
D0_1
NC
NC


Numéro de pièce similaire - DAC2900-EVM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1K TI1-DAC2900Y/1K Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1KG4 TI1-DAC2900Y/1KG4 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250 TI1-DAC2900Y/250 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250G4 TI1-DAC2900Y/250G4 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC2900-EVM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com