Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFUS10-1G1SR Fiches technique(PDF) 2 Page - SICK AG

No de pièce FFUS10-1G1SR
Description  FLOW SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

FFUS10-1G1SR Fiches technique(HTML) 2 Page - SICK AG

  FFUS10-1G1SR Datasheet HTML 1Page - SICK AG FFUS10-1G1SR Datasheet HTML 2Page - SICK AG FFUS10-1G1SR Datasheet HTML 3Page - SICK AG FFUS10-1G1SR Datasheet HTML 4Page - SICK AG FFUS10-1G1SR Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FFUS10-1G1SR | FFU
FLOW SENSORS
Illustration may differ
Ordering information
Type
Part no.
FFUS10-1G1SR
6043743
Other models and accessories
www.sick.com/FFU
Features
Medium
Fluids
Nominal width measuring tube
DN 10
Process temperature
0 °C ... +80 °C
Process pressure
Max. 16 bar
Performance
Minimim flow
≤ 0.3 l/min
Maximum flow
≤ 21 l/min
Inlet zone
10 cm
Output zone
0 cm
Conductivity
No limitation
Accuracy of sensor element
2 % (of final value) 1)
Reproducibility
≤ 0.5 %
Resolution
0.003 l/min
1) Reference condition: Water, zero gas, measuring tube completely full, no cavitation, temperature of medium 20 °C, ambient temperature 20 °C ... 25 °C, compli-
ance with inlet and outlet zones, warm-up time for electronics: 30 min.
Electronics
Supply voltage
18 V DC ... 30 V DC 1)
Residual ripple
≤ 5 Vpp 2)
Power consumption
≤ 180 mA 3)
Initialization time
≤ 5 s
Protection class
III
Electrical connection
M12 round connector x 1, 8-pin
1) All connections are polarity protected. All outputs are overload and short-circuit protected.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) There are 100 mA for each output pnp and npn available.
5) Analog output and display.
2
FLUID SENSORS | SICK
Online data sheet | 2017-02-08 13:58:08
Subject to change without notice


Numéro de pièce similaire - FFUS10-1G1SR

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
FFUS10-1G1IO SICK-FFUS10-1G1IO Datasheet
414Kb / 5P
   FLOW SENSORS
More results

Description similaire - FFUS10-1G1SR

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
FFUC10-1G1IO SICK-FFUC10-1G1IO Datasheet
415Kb / 5P
   FLOW SENSORS
FFUS10-1C1IO SICK-FFUS10-1C1IO Datasheet
421Kb / 5P
   FLOW SENSORS
FFUS15-1G1IO SICK-FFUS15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
FFUC15-1G1IO SICK-FFUC15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
FFUS15-1G1SR SICK-FFUS15-1G1SR Datasheet
428Kb / 5P
   FLOW SENSORS
logo
Balluff Korea Ltd.
BFF0008 BALLUFF-BFF0008 Datasheet
95Kb / 2P
   Flow Sensors
BFF000A BALLUFF-BFF000A Datasheet
95Kb / 2P
   Flow Sensors
logo
SICK AG
FFUC10-1C1SR SICK-FFUC10-1C1SR Datasheet
432Kb / 5P
   FLOW SENSORS
FFUC10-1G1SR SICK-FFUC10-1G1SR Datasheet
426Kb / 5P
   FLOW SENSORS
FFUS10-1G1IO SICK-FFUS10-1G1IO Datasheet
414Kb / 5P
   FLOW SENSORS
FFUC20-1G1IO SICK-FFUC20-1G1IO Datasheet
416Kb / 5P
   FLOW SENSORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com