Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFUC15-1G1SR Fiches technique(PDF) 3 Page - SICK AG

No de pièce FFUC15-1G1SR
Description  FLOW SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

FFUC15-1G1SR Fiches technique(HTML) 3 Page - SICK AG

  FFUC15-1G1SR Datasheet HTML 1Page - SICK AG FFUC15-1G1SR Datasheet HTML 2Page - SICK AG FFUC15-1G1SR Datasheet HTML 3Page - SICK AG FFUC15-1G1SR Datasheet HTML 4Page - SICK AG FFUC15-1G1SR Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFUC15-1G1SR | FFU
FLOW SENSORS
Output signal
Analog output 4 mA ... 20 mA, 0 mA ... 20 mA current flow and temperature, 2 pulse/status
output PNP/NPN-transistor output for flow rate meter, empty pipe detection, flow monitoring,
1 switching input for dosing and counter reset 1)
Output current
< 100 mA 4)
Output load
< 500 Ohm
Lower signal level
3.8 mA ... 4 mA
Upper signal level
20 mA ... 20.5 mA
Impuls/frequency output
0 kHz ... 10 kHz
Puls width
≤ 1 s
Signal voltage HIGH
Vs - 2 V
Signal voltage LOW
≤ 2 V
Inductive load
1 H
Capacitive load
100 nF
Response time
Filter off 100 ms, filter low 300 ms, filter medium 1 s, filter strong 4.2 s 5)
1) All connections are polarity protected. All outputs are overload and short-circuit protected.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) There are 100 mA for each output pnp and npn available.
5) Analog output and display.
Mechanics
Process connection
G ¾
Wetted parts
PPSU
Housing material
PPSU
Enclosure rating
IP 67
Weight
350 g
Ambient data
Ambient operating temperature
0 °C ... +60 °C
Ambient storage temperature
–20 °C ... +70 °C
Classifications
ECl@ss 5.0
27371815
ECl@ss 5.1.4
27371815
ECl@ss 6.0
27371815
ECl@ss 6.2
27371815
ECl@ss 7.0
27371815
ECl@ss 8.0
27371815
ECl@ss 8.1
27371815
ECl@ss 9.0
27371815
ETIM 5.0
EC002580
ETIM 6.0
EC002580
2017-02-08 13:58:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Numéro de pièce similaire - FFUC15-1G1SR

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
FFUC15-1G1IO SICK-FFUC15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
More results

Description similaire - FFUC15-1G1SR

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
FFUC10-1G1IO SICK-FFUC10-1G1IO Datasheet
415Kb / 5P
   FLOW SENSORS
FFUS10-1C1IO SICK-FFUS10-1C1IO Datasheet
421Kb / 5P
   FLOW SENSORS
FFUS15-1G1IO SICK-FFUS15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
FFUC15-1G1IO SICK-FFUC15-1G1IO Datasheet
417Kb / 5P
   FLOW SENSORS
FFUS15-1G1SR SICK-FFUS15-1G1SR Datasheet
428Kb / 5P
   FLOW SENSORS
logo
Balluff Korea Ltd.
BFF0008 BALLUFF-BFF0008 Datasheet
95Kb / 2P
   Flow Sensors
BFF000A BALLUFF-BFF000A Datasheet
95Kb / 2P
   Flow Sensors
logo
SICK AG
FFUC10-1C1SR SICK-FFUC10-1C1SR Datasheet
432Kb / 5P
   FLOW SENSORS
FFUC10-1G1SR SICK-FFUC10-1G1SR Datasheet
426Kb / 5P
   FLOW SENSORS
FFUS10-1G1IO SICK-FFUS10-1G1IO Datasheet
414Kb / 5P
   FLOW SENSORS
FFUC20-1G1IO SICK-FFUC20-1G1IO Datasheet
416Kb / 5P
   FLOW SENSORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com