Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CG2176X3-EVAL Fiches technique(PDF) 8 Page - California Eastern Labs

No de pièce CG2176X3-EVAL
Description  50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

CG2176X3-EVAL Fiches technique(HTML) 8 Page - California Eastern Labs

  CG2176X3-EVAL Datasheet HTML 1Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 2Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 3Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 4Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 5Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 6Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 7Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CG2176X3
This document is subject to change without notice.
8
[CAUTION]
This product uses gallium arsenide (GaAs) of the toxic substance appointed in laws and ordinances.
GaAs vapor and powder are hazardous to human health if inhaled or ingested.
Do not dispose in fire or break up this product.
Do not chemically make gas or powder with this product.
When discarding this product, please obey the laws of your country.
Do not lick the product or in any way allow it to enter the mouth.
[CAUTION]
Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can
damage this device. This device must be protected at all times from ESD. Static charges may easily
produce potentials of several kilovolts on the human body or equipment, which can discharge
without detection. Industry-standard ESD precautions should be used at all times.
CEL Headquarters
• 4590 Patrick Henry Drive • Santa Clara, CA 95054 • Tel: (408) 919-2500 • www.cel.com
For a complete list of sales offices, representatives and distributors,
Please visit our website: www.cel.com/contactus
For inquiries email us at rfw@cel.com


Numéro de pièce similaire - CG2176X3-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
More results

Description similaire - CG2176X3-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
CG2176X3_17 CEL-CG2176X3_17_09 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
logo
NEC
UPG2176T5N NEC-UPG2176T5N Datasheet
83Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
Renesas Technology Corp
PG2176T5N RENESAS-PG2176T5N_15 Datasheet
205Kb / 11P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
NEC
UPG2157T5F NEC-UPG2157T5F Datasheet
85Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
California Eastern Labs
UPG2157T5F CEL-UPG2157T5F Datasheet
150Kb / 8P
   50 ohm TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
CG2176X3 CEL-CG2176X3 Datasheet
867Kb / 7P
   50廓 TERMINATION TYPE HIGH POWER Short Document/Title
logo
Renesas Technology Corp
PG2418T6X RENESAS-PG2418T6X_15 Datasheet
230Kb / 13P
   GaAs Integrated Circuit 0.5 to 3.0 GHz SPDT Switch with 50 廓 Termination
UPG2418TB RENESAS-UPG2418TB Datasheet
228Kb / 12P
   GaAs Integrated Circuit 0.5 to 3.0 GHz SPDT Switch with 50 廓 Termination
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
SIPAT Co,Ltd
SP4257 SIPAT-SP4257 Datasheet
542Kb / 6P
   50 廓 SPDT Absorptive CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com