Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1121 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce ADP1121
Description  PRECISION SEMICONDUCTOR PRESSURE SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ADP1121 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  ADP1121 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP1121 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP1121 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP1121 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
27
PRECISION
SEMICONDUCTOR
PRESSURE SENSOR
PF PRESSURE
SENSOR
PF (ADP1)
• A wide range of rated pressure,
including a minute pressure
There are 10 types of sensors covering a
wide range of rated pressure from a
minute pressure between 4.9 kPa {0.05
kgf/cm2}, to a maximum pressure of
980.7 kPa {10 kgf/cm2}.
• Realization of highly accurate, linear
characteristics
This sensor employs a semiconductor
strain gauge method, ensuring accurate
and linear detection characteristics. It
also has excellent repeatability of pres-
sure characteristics.
• Impressive line-up of models
• Taking their place alongside the stan-
dard 5k
Ω bridge resistance models are
those with a 3.3k
Ω resistance which is
optimally suited to 5V drive circuits.
• Economy model (no glass base) gives
outstanding value for consumer appli-
ances
40 kPa (0.4 kgf/cm2) and 49 kPa (0.5
kgf/cm2) units are also available.
Example of pressure characteristics
(when the rated pressure is between 98.1 kPa
{1.0 kgf/cm2}
Drive current: 1.5 mA rated current; ambient temperature: 25°C 77°F
0 {0}
0
50
100
49 {0.5}
98.1 {1}
Pressure (gauge pressure), (kPa {kgf/cm2})
TYPICAL
APPLICATIONS
• Medical equipment: Electronic hemody-
namometer
• Home appliance: Vacuum cleaner
• Gas equipment: Microprocessor gas
meter, gas leakage detector
• Industrial equipment: Absorption
device, etc.
<Cross-section of Sensor Chip>
Silicon
Piezo resistance
strain gauge
Anode
junction
Glass
base
Pressure
Pressure
High reliability
die bonding
technology
Very strong,
heat resistant body
Highly reliable wire
bonding technology
1
Bridge resistance
5.0k
3.3k
DIP terminal:
Direction opposite
the pressure inlet
direction
Terminal
Pressure
DIP terminal:
Pressure inlet
direction
DIP terminal:
Direction opposite
the pressure inlet
direction
DIP terminal:
Pressure inlet
direction
approx. 0.05kgf/cm2
approx. 0.15kgf/cm2
approx. 0.35kgf/cm2
approx. 0.5kgf/cm2
approx. 1.0kgf/cm2
approx. 2.0kgf/cm2
approx. 3.5kgf/cm2
approx. 5.0kgf/cm2
approx. 8.5kgf/cm2
approx. 10.0kgf/cm2
approx. 0.4kgf/cm2
approx. 0.5kgf/cm2
Standard
type
(With glass
base)
Economy type
(Without glass
base)
ADP1101
ADP1111
ADP1121
ADP1131
ADP1141
ADP1151
ADP1161
ADP1171
ADP1181
ADP1191
——
ADP1132
ADP1201
ADP1211
ADP1221
ADP1231
ADP1241
ADP1251
ADP1261
ADP1271
ADP1281
ADP1291
——
ADP1232
——
——
——
——
——
——
——
——
——
——
ADP11A23
——
——
——
——
——
——
——
——
——
——
——
ADP12A23
——
4.9kPa
14.7kPa
34.3kPa
49.0kPa
98.1kPa
196.1kPa
343.2kPa
490.3kPa
833.6kPa
980.7kPa
40.0kPa
49.0kPa
ADP1:
PF pressure sensor
Terminal profile and direction
1: DIP terminal: Dirtection opposite the
pressure inlet direction
2: DIP terminal: Pressure inlet direction
Rated pressure
0:
4.9 kPa {approx. 0.05 kgf/cm2}
1:
14.7 kPa {approx. 0.15 kgf/cm2}
2:
34.3 kPa {approx. 0.35 kgf/cm2}
3:
49.0 kPa {approx. 0.5 kgf/cm2}
4:
98.1 kPa {approx. 1.0 kgf/cm2}
5:
196.1 kPa {approx. 2.0 kgf/cm2}
6:
343.2 kPa {approx. 3.5 kgf/cm2}
7:
490.3 kPa {approx. 5.0 kgf/cm2}
8:
833.6 kPa {approx. 8.5 kgf/cm2}
9:
980.7 kPa {approx. 10.0 kgf/cm2}
A:
40.0 kPa {approx. 0.4 kgf/cm2}
Type
1 : Standard type
(With glass base)
2: Economy type
(Without glass
base)
ORDERING INFORMATION
Ex. ADP
Bridge resistance
Nil : 5.0k
3 : 3.3k
Part No.
PF PRESSURE SENSOR
2002.10.23 7:58 PM
Page 27


Numéro de pièce similaire - ADP1121

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108AN AD-ADP1108AN Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108AN-12 AD-ADP1108AN-12 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108AN-33 AD-ADP1108AN-33 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108AN-5 AD-ADP1108AN-5 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results

Description similaire - ADP1121

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KPF010D04 KEC-KPF010D04 Datasheet
523Kb / 3P
   Semiconductor Pressure Sensor
KPF500G01A KEC-KPF500G01A Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03 KEC-KPF500G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
KPF102G07 KEC-KPF102G07 Datasheet
551Kb / 2P
   Semiconductor Pressure Sensor
KPF500G02A KEC-KPF500G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF500G03A KEC-KPF500G03A Datasheet
522Kb / 4P
   Semiconductor Pressure Sensor
KPF500G01 KEC-KPF500G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF500G02 KEC-KPF500G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
logo
NXP Semiconductors
MPL3150A2 NXP-MPL3150A2 Datasheet
676Kb / 46P
   I2C precision pressure sensor
MPL3150A2S NXP-MPL3150A2S_V01 Datasheet
665Kb / 46P
   I2C precision pressure sensor
Rev. 1.4 - 29 September 2023
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com