Moteur de recherche de fiches techniques de composants électroniques |
|
ACSA56-51SYKWA Fiches technique(PDF) 2 Page - Kingbright Corporation |
|
ACSA56-51SYKWA Fiches technique(HTML) 2 Page - Kingbright Corporation |
2 / 5 page SPEC NO: DSAM7135 REV NO: V.4A DATE: JAN/08/2015 PAGE: 2 OF 5 APPROVED: WYNEC CHECKED: Joe Lee DRAWN: L.Q.Xie ERP: 1351000711 Selection Guide Note: 1. Luminous intensity/ luminous Flux: +/-15%. * Luminous intensity value is traceable to the CIE127-2007 compliant national standards. Absolute Maximum Ratings at TA=25°C Electrical / Optical Characteristics at TA=25°C Notes: 1.Wavelength: +/-1nm. 2.Forward Voltage: +/-0.1V. 3.Wavelength value is traceable to the CIE127-2007 compliant national standards. 4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or premature failure. Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Description Min. Typ. Super Bright Yellow (AlGaInP) White Diffused 52000 117000 Common Anode *21000 *38000 ACSA56-51SYKWA Symbol Parameter Device Typ. Max. Units Test Conditions λpeak Peak Wavelength Super Bright Yellow 590 nm IF=20mA λD [1] Dominant Wavelength Super Bright Yellow 590 nm IF=20mA Δλ1/2 Spectral Line Half-width Super Bright Yellow 20 nm IF=20mA C Capacitance Super Bright Yellow 20 pF VF=0V;f=1MHz VF [2] Forward Voltage Super Bright Yellow 2.0 2.5 V IF=20mA IR Reverse Current Super Bright Yellow 10 uA VR=5V Parameter Super Bright Yellow Units Power dissipation 75 mW DC Forward Current 30 mA Peak Forward Current [1] 175 mA Reverse Voltage 5 V Operating / Storage Temperature -40°C To +85°C |
Numéro de pièce similaire - ACSA56-51SYKWA |
|
Description similaire - ACSA56-51SYKWA |