Moteur de recherche de fiches techniques de composants électroniques |
|
FP14 Fiches technique(PDF) 5 Page - Amphenol Corporation |
|
FP14 Fiches technique(HTML) 5 Page - Amphenol Corporation |
5 / 16 page Today’s consumers expect their everyday appliances to deliver reliable and efficient performance. Electronic sensors offer improved accuracy over electromechanical solutions and are designed to perform over a very wide range of temperatures and specifications.Oursensorsplayavital part in measuring and controlling the temperature of water, steam, air and food. They are also used for flow measurement, level control, and overload protection and in combination with other sensors for multiple functions. Temperature sensors can be found all around the home in boilers and water heaters, washing machines, dishwashers, stoves, microwave ovens, irons, toasters, refrigerators and deep freezers. Around the Home For Healthcare Wehavedevelopedstate-of-the-art, high-performance sensors known for their accuracy, reliability and smallsize.Usedextensivelyforheart catheters, esophageal stethoscopes, fever thermometers, skin sensors, blood analyzers, incubators, respiration monitors and hypodermic needle sensors, they help meet many temperature-related requirements. Innovative work on small precision sensors continues for cancer research. Thermistors measure the temperature of cells and with precise monitoring, doctors can use heat to destroy diseased cells in tumors. Ourcustom-designcapabilityand problem solving expertise mean that we can provide innovative solutions in circuit protection, temperature measurement and control, liquid level detection and gas flow measurement. Wehaveoneofthemostextensive product ranges of industrial temperature sensors in the world. Withnewmarketsemergingworldwide, our global sensor manufacturing centers meet local content demands and allow us to exceed specific customer requirements. Along with the best manufacturing and test equipment, our strict manufacturing processes and quality procedures ensure the highest standards for your applications. In the Plant 5 |
Numéro de pièce similaire - FP14 |
|
Description similaire - FP14 |