Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD5.242 Fiches technique(PDF) 6 Page - PULS GmbH

No de pièce CD5.242
Description  DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULS [PULS GmbH]
Site Internet  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.242 Fiches technique(HTML) 6 Page - PULS GmbH

Back Button CD5.242 Datasheet HTML 2Page - PULS GmbH CD5.242 Datasheet HTML 3Page - PULS GmbH CD5.242 Datasheet HTML 4Page - PULS GmbH CD5.242 Datasheet HTML 5Page - PULS GmbH CD5.242 Datasheet HTML 6Page - PULS GmbH CD5.242 Datasheet HTML 7Page - PULS GmbH CD5.242 Datasheet HTML 8Page - PULS GmbH CD5.242 Datasheet HTML 9Page - PULS GmbH CD5.242 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CD5.242
CD-Series
DC/DC Converter 24V, 5A
5. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
*)
max.
30V
at clockwise end position of potentiometer
Factory setting
24.1V
±0.2%, at full load, cold unit
Line regulation
max.
25mV
Input voltage variations between 36 to 60Vdc
Load regulation
max.
100mV
static value, 0A
5A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
2 200μF
Output current
nom.
6A
at 24V, ambient < 45°C, see Fig. 5-1
nom.
5A
at 24V, ambient < 60°C, see Fig. 5-1
nom.
5.2A
at 28V, ambient < 45°C, see Fig. 5-1
nom.
4.3A
at 28V, ambient < 60°C, see Fig. 5-1
Output power
nom.
144W
for ambient temperatures < 45°C
nom.
120W
for ambient temperatures < 60°C
Short-circuit current
min.
7A
continuous current, short circuit impedance 200mOhm
max.
10A
continuous current, short circuit impedance 200mOhm
*) extended guaranteed adjustment range down to 23V.
Fig. 5-1 Output voltage vs. output current, at
48Vdc input voltage, typ.
Fig. 5-2 Current limitation vs. input voltage,
(23V constant voltage load), typ.
Output Voltage
0
04
8
4
8
12
28V
16
20
24
6/22
12A
10
6
2
Adjustment
Range
Output Current
Output Current
6.2
30
42
54
6.3
6.4
6.5
7.0A
6.7
6.8
6.9
6.6
Input Voltage
48
36
60Vdc
Peak current capability (up to several milliseconds)
The DC/DC converter can deliver a peak current, which is higher than the specified short term current. This helps to
start current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the DC/DC converter. During this event, the capacitors will
be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 21.1.
Peak current voltage dips
typ.
from 24V to 17.1V
at 10A for 50ms, resistive load
typ.
from 24V to 15V
at 20A for 2ms, resistive load
typ.
from 24V to 11V
at 20A for 5ms, resistive load
Mar. 2016 / Rev. 1.5 DS-CD5.242-EN
All parameters are specified at 24V, 5A, 48Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Numéro de pièce similaire - CD5.242

FabricantNo de pièceFiches techniqueDescription
logo
PULS GmbH
CD5.241 PULS-CD5.241 Datasheet
608Kb / 22P
   DC/DC Converter
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
   DC/DC Converter
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
   DC/DC Converter
CD5.243 PULS-CD5.243 Datasheet
633Kb / 22P
   DC/DC Converter
More results

Description similaire - CD5.242

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com