Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2114PW Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2114PW
Description  AUTOSWITCHING POWER MULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2114PW Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2114PW Datasheet HTML 3Page - Texas Instruments TPS2114PW Datasheet HTML 4Page - Texas Instruments TPS2114PW Datasheet HTML 5Page - Texas Instruments TPS2114PW Datasheet HTML 6Page - Texas Instruments TPS2114PW Datasheet HTML 7Page - Texas Instruments TPS2114PW Datasheet HTML 8Page - Texas Instruments TPS2114PW Datasheet HTML 9Page - Texas Instruments TPS2114PW Datasheet HTML 10Page - Texas Instruments TPS2114PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Q2 is ON
1
STAT
Control
Logic
D1
D0
UVLO (IN1)
UVLO (IN2)
UVLO (VDD)
Q2 is ON
Q1 is ON
_
+
_
+
+
0.6 V
EN2
EN1
Cross-Conduction
Detector
_
+
Q2
Q1
Charge
Pump
0.5 V
TPS2114: k = 0.2%
TPS2115: k = 0.1%
k* IO(OUT)
_
+
VO(OUT) > VI(INx)
+
100 mV
_
+
IO(OUT)
Vf = 0 V
EN1
IN2
IN1
7
4
OUT
ILIM
Internal VDD
Vf = 0 V
VDD
ULVO
Thermal
Sense
1
µA
IN2
ULVO
1
µA
IN1
ULVO
8
6
2
3
5
IN1
IN2
D0
D1
GND
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
D0
2
I
TTL and CMOS compatible input pins. Each pin has a 1-µA pullup resistor. The truth table shown above illustrates
the functionality of D0 and D1.
D1
3
I
GND
5
I
Ground
IN1
8
I
Primary power switch input. The IN1 switch can be enabled only if the IN1 supply is above the UVLO threshold and
at least one supply exceeds the internal VDD UVLO.
IN2
6
I
Secondary power switch input. The IN2 switch can be enabled only if the IN2 supply is above the UVLO threshold
and at least one supply exceeds the internal VDD UVLO.
ILIM
4
I
A resistor R(ILIM) from ILIM to GND sets the current limit IL to 250/R(ILIM) and 500/R(ILIM) for the TPS2114 and
TPS2115, respectively.
OUT
7
O
Power switch output
STAT
1
O
STAT is an open-drain output that is Hi-Z if the IN2 switch is ON. STAT pulls low if the IN1 switch is ON or if OUT is
Hi-Z (i.e., EN is equal to logic 0).
7


Numéro de pièce similaire - TPS2114PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114PW TI1-TPS2114PW Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2114PWG4 TI1-TPS2114PWG4 Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Description similaire - TPS2114PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com