Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2578 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC2578
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC2578 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TLC2578 Datasheet HTML 3Page - Texas Instruments TLC2578 Datasheet HTML 4Page - Texas Instruments TLC2578 Datasheet HTML 5Page - Texas Instruments TLC2578 Datasheet HTML 6Page - Texas Instruments TLC2578 Datasheet HTML 7Page - Texas Instruments TLC2578 Datasheet HTML 8Page - Texas Instruments TLC2578 Datasheet HTML 9Page - Texas Instruments TLC2578 Datasheet HTML 10Page - Texas Instruments TLC2578 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AC/DC performance over recommended operating free-air temperature range, single-ended input,
normal long sampling, 200 KSPS, AVDD = 5 V, VREFP = 4 V, VREFM = 0 V, SCLK frequency = 25 MHz,
fixed channel at CONV mode 00, analog input signal source resistance = 25
Ω (unless otherwise
noted)
TLC3574/78 DW and PW package device AC/DC performance
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DC Accuracy—Normal Long Sampling
EL
Integral linearity error
See Note 3
−1.5
±1
1.5
LSB
ED
Differential linearity error
−1
±0.5
1
LSB
EO
Bipolar zero error
See Note 4
−0.30
±0.08
0.36
%FS
EFS(+)
Positive full scale error
See Note 4
−0.55
±0.04
0.61
%FS
EFS(−)
Negative full scale error
See Note 4
−0.30
±0.13
0.79
%FS
DC Accuracy—Normal Short Sampling
EL
Integral linearity error
See Note 3
±1
LSB
ED
Differential linearity error
±0.5
LSB
EO
Bipolar zero error
See Note 4
±0.08
%FS
EFS(+)
Positive full scale error
See Note 4
±0.04
%FS
EFS(−)
Negative full scale error
See Note 4
±0.13
%FS
AC Accuracy (see Note 3)—Normal Long Sampling
SINAD
Signal-to-noise ratio + distortion
fi = 20 kHz
76
79
dB
SINAD
Signal-to-noise ratio + distortion
fi = 100 kHz
75
dB
THD
Total harmonic distortion
fi = 20 kHz
−82
−77
dB
THD
Total harmonic distortion
fi = 100 kHz
−78
dB
SNR
Signal-to-noise ratio
fi = 20 kHz
78
80
dB
SNR
Signal-to-noise ratio
fi = 100 kHz
78
dB
ENOB
Effective number of bits
fi = 20 kHz
12.3
12.8
Bits
ENOB
Effective number of bits
fi = 100 kHz
12.2
Bits
SFDR
Spurious free dynamic range
fi = 20 kHz
78
84
dB
SFDR
Spurious free dynamic range
fi = 100 kHz
79
dB
Channel-to-channel isolation
Fixed channel in conversion mode 00, fi = 35 kHz,
See Notes 2 and 5
81
dB
Analog input bandwidth
Full power bandwidth, −3 dB
1
MHz
Analog input bandwidth
Full power bandwidth, −1 dB
700
kHz
† All typical values are at TA = 25°C.
NOTES:
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC.
3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics.
4. Bipolar zero error is the difference between 10000000000000 and the converted output for zero input voltage; positive full-scale error
is the difference between 11111111111111 and the converted output for positive full-scale input voltage (10 V); negative full-scale
error is the difference between 00000000000000 and the converted output for negative full-scale input voltage (−10 V).
5. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the
channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the
converter samples different channels alternately.


Numéro de pièce similaire - TLC2578

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2578 TI1-TLC2578 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2578 TI-TLC2578 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC2578 TI1-TLC2578 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2578IDW TI-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
More results

Description similaire - TLC2578

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com