Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-848-005 Fiches technique(PDF) 1 Page - API Technologies Corp

No de pièce 54-848-005
Description  Current ratings up to 100 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-848-005 Fiches technique(HTML) 1 Page - API Technologies Corp

  54-848-005 Datasheet HTML 1Page - API Technologies Corp 54-848-005 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
High current filters are ideal for use in high current
5 volt logic buss, but also can be used for ±48 VDC
telephone rack buss, high current switch mode power
supplies and DC charging systems. High voltage filters
find use in high voltage power supplies and applications
requiring U.L. Hi-Pot.
Features
s
Current ratings up to 100 Amps
s
Continuous voltage ratings up to
1250 VDC/240 VAC (400Hz)
s
U.L. 1459 recognized and CSA C22.2 approved
versions available
s
Rugged bolt-in style for easy installation
Typ.
.
.815
(
Hex.
.563
(
.060 Max., Typ.
1-1/2 Imperfect Thds.
.250
(6.35)
Min.
.250
(6.35)
.250
(6.35)
.250
(6.35)
Min.
.500
(12.7)
Hex.
ø .062 ± .005
(1.58 ± .13)
Typ.
5/16–24 Unf–2A Thd.
.250
(6.35)
Figure 3
Dimensions in inches
(mm)
High Current/High Voltage
Resin Sealed Filters
LP24
Installation Notes
for Figure 1 & 2 — see below (Figure 3 see page CF6)
1. Mounting installation torque
Method A: Mounting in full threaded through-hole
Maximum torque: 96 in-lbs
Method B: Mounting w/hardware
Maximum torque: 84 in-lbs
2. Terminal installation torque
Maximum torque: 20 in-lbs
Note: Use two-wrench method to install
terminal hardware


Numéro de pièce similaire - 54-848-005

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
54-862-001 APITECH-54-862-001 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-001 APITECH-54-862-001 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-002 APITECH-54-862-002 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-002 APITECH-54-862-002 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
54-862-003 APITECH-54-862-003 Datasheet
852Kb / 12P
   Resin Sealed Bolt-in Filters
More results

Description similaire - 54-848-005

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
   Output ratings up to 30 Amps at 200 VDC
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
   Saturation current rating up to 15.3 Amps
logo
Microsemi Corporation
679 MICROSEMI-679_10 Datasheet
807Kb / 3P
   Current ratings to 25A
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Nell Semiconductor Co.,...
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
   High voltage ratings up to 3600V
D3270D NELLSEMI-D3270D Datasheet
226Kb / 5P
   High voltage ratings up to 2200V
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
   High voltage ratings up to 5500V
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com