Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-367-008 Fiches technique(PDF) 11 Page - API Technologies Corp

No de pièce 54-367-008
Description  High temperature terminal construction
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-008 Fiches technique(HTML) 11 Page - API Technologies Corp

Back Button 54-367-008 Datasheet HTML 7Page - API Technologies Corp 54-367-008 Datasheet HTML 8Page - API Technologies Corp 54-367-008 Datasheet HTML 9Page - API Technologies Corp 54-367-008 Datasheet HTML 10Page - API Technologies Corp 54-367-008 Datasheet HTML 11Page - API Technologies Corp 54-367-008 Datasheet HTML 12Page - API Technologies Corp 54-367-008 Datasheet HTML 13Page - API Technologies Corp 54-367-008 Datasheet HTML 14Page - API Technologies Corp 54-367-008 Datasheet HTML 15Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
70
15
15
12
12
5
5
70
33
29
29
52
33
24
25
48
12
18
18
70
54
35
35
70
56
54
32
70
38
24
24
70
70
42
42
70
70
70
42
70
70
34
34
70
70
55
55
70
70
70
55
70
70
55
55
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø TT Circuit Standard Product
SCI-2060-009
SCI-2060-013
SCI-2060-007
SCI-2060-014
SCI-2160-011
SCI-2160-012
SCI-2160-013
SCI-2160-014
SCI-2360-011
SCI-2360-006
SCI-2360-007
SCI-2360-014
See Pg.
LP35
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
0.25
3.00
10.0
10.0
1.00
2.00
3.00
10.0
1.00
3.00
10.0
10.0
1.500
1.500
1.500
1.500
1.500
1.500
1.500
1.400
0.500
0.500
0.500
0.500
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
50
50
50
50
100
100
100
100
300
300
300
300
125
125
125
125
DC
AC
MIL
No
Max
L
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
In
(mm)
DCR
Max
Ohms
12.000
0.081
0.006
0.006
0.750
0.189
0.081
0.006
0.750
0.080
0.006
0.006
Thd
Lgth
B
B
A
B
B
B
B
B
B
A
A
B
LP36


Numéro de pièce similaire - 54-367-008

FabricantNo de pièceFiches techniqueDescription
logo
Spectrum Microwave, Inc...
54-367-008 SPECTRUM-54-367-008 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
54-367-008 APITECH-54-367-008 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Description similaire - 54-367-008

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
SCI-9909-008 APITECH-SCI-9909-008 Datasheet
121Kb / 1P
   High temperature construction
logo
CTS Corporation
73WL CTS-73WL Datasheet
222Kb / 4P
   Thick Film Construction ??Wide Terminal Configuration
logo
Weidmuller
0280200000 WEIDMULLER-0280200000 Datasheet
49Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
0348900000 WEIDMULLER-0348900000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
0401460000 WEIDMULLER-0401460000 Datasheet
44Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), plastic
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Altech corporation
24-12AWG ALTECH-24-12AWG Datasheet
218Kb / 1P
   High Temperature Ceramic Terminal Blocks
logo
Omron Electronics LLC
D2S OMRON-D2S_12 Datasheet
609Kb / 5P
   One-piece terminal construction to keep out flux
logo
Weidmuller
0514400000 WEIDMULLER-0514400000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, steel
0270100000 WEIDMULLER-0270100000 Datasheet
53Kb / 2P
   Modular terminal, accessories, Terminal rail (cable support construction), DIN EN 60715, Copper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com