Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC1G125YZAR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AUC1G125YZAR
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G125YZAR Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AUC1G125YZAR Datasheet HTML 1Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 2Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 3Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 4Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 5Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 6Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 7Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 8Page - Texas Instruments SN74AUC1G125YZAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74AUC1G125
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCES382G – MARCH 2002 – REVISED JUNE 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Optimized for 1.8-V Operation and Is 3.6-V
I/O Tolerant to Support Mixed-Mode Signal
Operation
D Ioff Supports Partial-Power-Down Mode
Operation
D Sub 1-V Operable
D Max tpd of 2.5 ns at 1.8 V
D Low Power Consumption, 10-µA Max ICC
D ±8-mA Output Drive at 1.8 V
D Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
This bus buffer gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The SN74AUC1G125 is a single line driver with a 3-state output. The output is disabled when the output-enable
(OE) input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
–40 C to 85 C
NanoStar
WCSP (DSBGA) – YEA
Tape and reel
SN74AUC1G125YEAR
_ _ _UM_
–40 C to 85 C
NanoFree
WCSP (DSBGA) – YZA (Pb-free)
Tape and reel
SN74AUC1G125YZAR
_ _ _UM_
–40
°C to 85°C
NanoStar
 – WCSP (DSBGA)
0.23-mm Large Bump – YEP
Tape and reel
SN74AUC1G125YEPR
_ _ _UM_
NanoFree
 – WCSP (DSBGA)
0.23-mm Large Bump – YZP (Pb-free)
SN74AUC1G125YZPR
SOT (SOT-23) – DBV
Tape and reel
SN74AUC1G125DBVR
U25_
SOT (SC-70) – DCK
Tape and reel
SN74AUC1G125DCKR
UM_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
OE
A
GND
VCC
Y
3
2
1
4
5
GND
A
OE
Y
VCC
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
NanoStar and NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74AUC1G125YZAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC1G125YZPR TI-SN74AUC1G125YZPR Datasheet
357Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125YZPR TI-SN74AUC1G125YZPR Datasheet
468Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125YZTR TI-SN74AUC1G125YZTR Datasheet
357Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Description similaire - SN74AUC1G125YZAR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com