Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9144-FMC-EBZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9144-FMC-EBZ
Description  Multiple chip synchronization
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9144-FMC-EBZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9144-FMC-EBZ Datasheet HTML 7Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 8Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 9Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 10Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 11Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 12Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 13Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 14Page - Analog Devices AD9144-FMC-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 10 of 125
AC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V,1 VTT = 1.2 V,
TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
−9 dBFS single-tone
fDAC = 983.04 MSPS
fOUT = 20 MHz
82
dBc
fDAC = 983.04 MSPS
fOUT = 150 MHz
76
dBc
fDAC = 1966.08 MSPS
fOUT = 20 MHz
81
dBc
fDAC = 1966.08 MSPS
fOUT = 170 MHz
69
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
−9 dBFS
fDAC =983.04 MSPS
fOUT = 20 MHz
90
dBc
fDAC = 983.04 MSPS
fOUT = 150 MHz
82
dBc
fDAC = 1966.08 MSPS
fOUT = 20 MHz
90
dBc
fDAC = 1966.08 MSPS
fOUT = 170 MHz
81
dBc
NOISE SPECTRAL DENSITY (NSD), SINGLE-TONE
0 dBFS
fDAC = 983.04 MSPS
fOUT = 150 MHz
−162
dBm/Hz
fDAC = 1966.08 MSPS
fOUT = 150 MHz
−163
dBm/Hz
W-CDMA FIRST ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
0 dBFS
fDAC = 983.04 MSPS
fOUT = 30 MHz
82
dBc
fDAC = 983.04 MSPS
fOUT = 150 MHz
80
dBc
fDAC = 1966.08 MSPS
fOUT = 150 MHz
80
dBc
W-CDMA SECOND ACLR, SINGLE CARRIER
0 dBFS
fDAC = 983.04 MSPS
fOUT = 30 MHz
84
dBc
fDAC = 983.04 MSPS
fOUT = 150 MHz
85
dBc
fDAC = 1966.08 MSPS
fOUT = 150 MHz
85
dBc
1 SVDD12 = 1.3 V for all fDAC = 1966.08 MSPS conditions in Table 9.


Numéro de pièce similaire - AD9144-FMC-EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9144-FMC-EBZ AD-AD9144-FMC-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
More results

Description similaire - AD9144-FMC-EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
   Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
   Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com