Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7403-8BRIZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7403-8BRIZ
Description  16-Bit, Isolated Sigma-Delta Modulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7403-8BRIZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7403-8BRIZ Datasheet HTML 4Page - Analog Devices AD7403-8BRIZ Datasheet HTML 5Page - Analog Devices AD7403-8BRIZ Datasheet HTML 6Page - Analog Devices AD7403-8BRIZ Datasheet HTML 7Page - Analog Devices AD7403-8BRIZ Datasheet HTML 8Page - Analog Devices AD7403-8BRIZ Datasheet HTML 9Page - Analog Devices AD7403-8BRIZ Datasheet HTML 10Page - Analog Devices AD7403-8BRIZ Datasheet HTML 11Page - Analog Devices AD7403-8BRIZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
AD7403
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 INSULATION CHARACTERISTICS
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
means of protective circuits.
Table 7.
Description
Symbol
Characteristic
Unit
INSTALLATION CLASSIFICATION PER DIN VDE 0110
For Rated Mains Voltage ≤300 V rms
I to IV
For Rated Mains Voltage ≤450 V rms
I to IV
For Rated Mains Voltage ≤600 V rms
I to IV
For Rated Mains Voltage ≤1000 V rms
I to IV
CLIMATIC CLASSIFICATION
40/105/21
POLLUTION DEGREE (DIN VDE 0110, TABLE 1)
2
MAXIMUM WORKING INSULATION VOLTAGE
VIORM
1250
VPEAK
INPUT TO OUTPUT TEST VOLTAGE, METHOD B1
VIORM × 1.875 = VPR, 100% Production Test, tm = 1 Second, Partial Discharge < 5 pC
VPD(M)
2344
VPEAK
INPUT TO OUTPUT TEST VOLTAGE, METHOD A
VPR(M)
After Environmental Test Subgroup 1
VIORM × 1.6 = VPR, tm = 60 Seconds, Partial Discharge < 5 pC
2000
VPEAK
After Input and/or Safety Test Subgroup 2/ Safety Test Subgroup 3
VIORM × 1.2 = VPR, tm = 60 Seconds, Partial Discharge < 5 pC
1500
VPEAK
HIGHEST ALLOWABLE OVERVOLTAGE (TRANSIENT OVERVOLTAGE, tTR = 10 Seconds)
VIOTM
8000
VPEAK
SURGE ISOLATION VOLTAGE
VIOSM
VPEAK
1.2 µs Rise Time, 50 μs, 50% Fall Time
12000
VPEAK
SAFETY LIMITING VALUES (MAXIMUM VALUE ALLOWED IN THE EVENT OF A FAILURE, SEE Figure 3
AND Figure 4)
Case Temperature
TS
150
°C
Side 1 (PVDD1) and Side 2 (PVDD2) Power Dissipation
PSO
AD7403
2.78
W
AD7403-8
1.19
W
INSULATION RESISTANCE AT TS, VIO = 500 V
RIO
>109
0
1
2
3
4
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 3. AD7403 Thermal Derating Curve, Dependence of Safety Limiting
Values with Case Temperature per DIN V VDE V 0884-10
AMBIENT TEMPERATURE (°C)
0
0
1
2
50
100
150
200
Figure 4. AD7403-8 Thermal Derating Curve, Dependence of Safety Limiting
Values with Case Temperature per DIN V VDE V 0884-10
Rev. B | Page 7 of 24


Numéro de pièce similaire - AD7403-8BRIZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400 Datasheet
444Kb / 20P
   Isolated Sigma-Delta Modulator
REV. A
AD7400 AD-AD7400 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
AD7400 AD-AD7400 Datasheet
395Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. H
AD7400A AD-AD7400A Datasheet
326Kb / 19P
   Isolated Sigma-Delta Modulator
Rev. PrA
More results

Description similaire - AD7403-8BRIZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7402 AD-AD7402 Datasheet
519Kb / 20P
   16-Bit, Isolated Sigma-Delta Modulator
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
   16-Bit, Isolated, Sigma-Delta Modulator
AD7405 AD-AD7405 Datasheet
367Kb / 20P
   16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface
Rev. A
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com