Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5675BRUZ-REEL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5675BRUZ-REEL7
Description  Base station power amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5675BRUZ-REEL7 Fiches technique(HTML) 5 Page - Analog Devices

  AD5675BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5675BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AD5675
Data Sheet
Rev. B | Page 4 of 26
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS3
Input Current
±1
±1
µA
Per pin
Input Voltage
Low, VINL
0.3 ×
VLOGIC
0.3 ×
VLOGIC
V
High, VINH
0.7 ×
VLOGIC
0.7 ×
VLOGIC
V
Pin Capacitance
3
3
pF
LOGIC OUTPUTS (SDA)3
Output Voltage
Low, VOL
0.4
0.4
V
ISINK = 200 μA
High, VOH
VLOGIC
0.4
VLOGIC
0.4
V
ISOURCE = 200 μA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
1.8
5.5
V
ILOGIC
3
3
µA
Power-on, −40°C to +105°C
3
3
µA
Power-on, −40°C to +125°C
3
3
µA
Power-down, −40°C to +105°C
3
3
µA
Power-down, −40°C to +125°C
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VREF +
1.5
5.5
VREF +
1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode 7
1.1
1.26
1.1
1.26
mA
−40°C to +85°C
1.1
1.3
1.1
1.3
mA
−40°C to +125°C
All Power-Down Modes8
1
1.7
1
1.7
µA
Tristate to 1 kΩ, −40°C to +85°C
1
1.7
1
1.7
µA
Power down to 1 kΩ, −40°C to +85°C
1
2.5
1
2.5
µA
Tristate to 1 kΩ, −40°C to +105°C
1
2.5
1
2.5
µA
Power down to 1 kΩ, −40°C to
+105°C
1
5.5
1
5.5
µA
Tristate to 1 kΩ, −40°C to +125°C
1
5.5
1
5.5
µA
Power down to 1 kΩ, −40°C to
+125°C
1 DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1, or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280.
2 See the Terminology section.
3 Guaranteed by design and characterization; not production tested.
4 Together, Channel 0, Channel 1, Channel 2, and Channel 3 can source or sink 40 mA. Similarly, together, Channel 4, Channel 5, Channel 6, and Channel 7 can source or
sink 40 mA up to a junction temperature of 125°C.
5 VDD = 5 V. The AD5675 includes current limiting to protect the device during temporary overload conditions. Junction temperature can be exceeded during current
limit. Operation above the specified maximum operation junction temperature may impair device reliability.
6 When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
7 Interface inactive. All DACs active. DAC outputs unloaded.
8 All DACs powered down.


Numéro de pièce similaire - AD5675BRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5675BRUZ-REEL7 AD-AD5675BRUZ-REEL7 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
More results

Description similaire - AD5675BRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5671R AD-AD5671R Datasheet
841Kb / 32P
   Base station power amplifiers
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
820-IF70.0M-A OSCILENT-820-IF70.0M-A Datasheet
141Kb / 2P
   Base Station & Repeater
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y Datasheet
146Kb / 2P
   Base Station & Repeater
820-IF72.5M-A OSCILENT-820-IF72.5M-A Datasheet
145Kb / 2P
   Base Station & Repeater
820-IF75.0M-A OSCILENT-820-IF75.0M-A Datasheet
143Kb / 2P
   Base Station & Repeater
820-IF77.5M-A OSCILENT-820-IF77.5M-A Datasheet
144Kb / 2P
   Base Station & Repeater
820-IF82.0M-A OSCILENT-820-IF82.0M-A Datasheet
130Kb / 1P
   Base Station & Repeater
827-IF115.0M-B OSCILENT-827-IF115.0M-B Datasheet
137Kb / 2P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com