Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5592RBRUZ-RL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5592RBRUZ-RL7
Description  Control and monitoring
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5592RBRUZ-RL7 Fiches technique(HTML) 5 Page - Analog Devices

  AD5592RBRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Data Sheet
AD5592R
Rev. C | Page 5 of 42
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
DC Crosstalk2
−4
+4
µV
Due to single channel, full-scale output change
DC Output Impedance
0.2
Ω
DC Power Supply Rejection Ratio (PSRR)2
0.15
mV/V
DAC code = midscale, VDD = 3 V ± 10% or
5 V ± 10%
Load Impedance at Rails4
25
Ω
Load Regulation
200
µV/mA
VDD = 5 V ± 10%, DAC code = midscale,
−10 mA ≤ IOUT ≤ +10 mA
200
µV/mA
VDD = 3 V ± 10%, DAC code = midscale,
−10 mA ≤ IOUT ≤ +10 mA
Power-Up Time
7
µs
Coming out of power-down mode, VDD = 5 V
AC SPECIFICATIONS
Slew Rate
1.25
V/µs
Measured from 10% to 90% of full scale
Settling Time
6
µs
¼ scale to ¾ scale settling to 1 LSB
DAC Glitch Impulse
2
nV-sec
DAC to DAC Crosstalk
1
nV-sec
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
1
nV-sec
Digital Feedthrough
0.1
nV-sec
Multiplying Bandwidth
240
kHz
DAC code = full scale, output range = 0 V to VREF
Output Voltage Noise Spectral Density
200
nV/√Hz
DAC code = midscale, output range = 0 V to
2 × VREF, measured at 10 kHz
Signal-to-Noise Ratio (SNR)
81
dB
Peak Harmonic or Spurious Noise (SFDR)
77
dB
Signal-to-Noise-and-Distortion (SINAD) Ratio
74
dB
Total Harmonic Distortion (THD)
−76
dB
REFERENCE INPUT
VREF Input Voltage
1
VDD
V
DC Leakage Current
−1
+1
µA
No I/Ox pins configured as DACs
Reference Input Impedance
12
DAC output range = 0 V to 2 × VREF
24
DAC output range = 0 V to VREF
REFERENCE OUTPUT
VREF Output Voltage
2.495
2.5
2.505
V
At ambient
VREF Temperature Coefficient
20
ppm/°C
Capacitive Load Stability
5
μF
RL = 2 kΩ
Output Impedance2
0.15
Ω
VDD = 2.7 V
0.7
Ω
VDD = 5 V
Output Voltage Noise
10
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density
240
nV/√Hz
At ambient, f = 10 kHz, CL = 10 nF
Line Regulation
20
µV/V
At ambient, sweeping VDD from 2.7 V to 5.5 V
10
µV/V
At ambient, sweeping VDD from 2.7 V to 3.3 V
Load Regulation
Sourcing
210
µV/mA
At ambient, −5 mA ≤ load current ≤ +5 mA
Sinking
120
µV/mA
At ambient, −5 mA ≤ load current ≤ +5 mA
Output Current Load Capability
±5
mA
VDD ≥ 3 V
GPIO OUTPUT
ISOURCE, ISINK
1.6
mA
Output Voltage
High (VOH)
VDD − 0.2
V
ISOURCE = 1 mA
Low (VOL)
0.4
V
ISOURCE = 1 mA


Numéro de pièce similaire - AD5592RBRUZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590 AD-AD5590 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBCZ AD-AD5590BBCZ Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
More results

Description similaire - AD5592RBRUZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
   Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com