Moteur de recherche de fiches techniques de composants électroniques |
|
E-1048-8I3-C3A1V0-4U3-10A Fiches technique(PDF) 5 Page - ETAL Group |
|
E-1048-8I3-C3A1V0-4U3-10A Fiches technique(HTML) 5 Page - ETAL Group |
5 / 6 page www.e-t-a.de E-1048-8I... - Accessories E-1048-8I... 1646 5 5 Smart Power Relay E-1048-8I... Accessories for E-1048-8I. Connector bus links -P10 X 210 588 01/ 1.5 mm2, (AWG 16), brown (up to 13 A max. load) X 210 588 02/ 2.5 mm2, (AWG 14), black (up to 20 A max. load) X 210 588 03/ 2.5 mm2, (AWG 14), red (up to 20 A max. load) X 210 588 04/ 2.5 mm2, (AWG 14), blue (up to 20 A max. load) 2-way mounting socket 6-way mounting socket 23-P10-Si 63-P10-Si (retaining clip Y 300 581 03 available on request) 2 mounting clips Installation drawing with Y 300 504 02 (2 pcs needed per unit) mounting clips Y 300 504 02 retaining clip 22.2 21 10 2 max. 30 6 7.4 4.4 25 12.5 4.4 7.4 12.5 6.25 50 75 12.5 polarized blade terminals DIN 46244-A6.3-0.8 (QC .250) polarized recess .173 .291 .492 .984 .291 .173 .394 .827 .874 .079 .236 max. 1.18 .492 1.97 2.95 .492 .246 100 quick-connect tabs 6.3 (.250) DIN 46247 tinned brass, insulated 1 0.5 12.5 7.3 M4 8.5 60.4 50 16.5 20 .039 .020 .335 .287 .492 .650 .787 2.38 1.97 9 5.4 125 .213 .354 4.92 cylinder head screw M4x4 ISO1207 nickel plated washer A 4.3 DIN 125 nickel plated female connector Phoenix terminal AKG 35 max. cross section 35 mm2 (AWG 2) M4 12.8 7 154.8 pressure-relief joint (1.1 mm (.043 in.) thick constriction) Cu rail, tin-plated .504 .276 6.09 blade terminal DIN 46244 part 2 C profile (2xA2.8-0.8) (QC 2x.110) depth 10 mm (.394 in.) adapter X20040901 symmetrical rail EN 50022-35x7.5 polarization recess G-profile EN 50035-G32 80 10 12.5 retaining clip 1 11 23 2(k) 12 24 2(i) 1 11 23 2(k) 12 24 2(i) 3.15 .492 .394 polarized blade terminal DIN 46244-A6.3-0.8 (QC .250) slot for fitting labels from Phoenix, Weidmüller 6.3 -P10 2.8 -P70 .248 .110 Single mounting sockets (with adapter) (up to 16 A max. load) 17-P10-Si 17-P10-Si-20025 17-P70-Si 17-P70-Si-20025 (retaining clip Y 300 581 11 available on request) Busbar (10-way) (supplied as a complete package) for type 17 socket (for max. 100 A continuous load), more positions available on request X 211 157 01 with terminal X 211 157 02 without terminal Insulating sleeving for busbar (10-way) Y 303 824 01 All dimensions without tolerances are for reference only. In the interest of improved design, performance and cost effectiveness the right to make changes in these specifications without notice is reserved. Product markings may not be exactly as the ordering codes. Errors and omissions excepted. This is a metric design and millimeter dimensions take precedence ( mm ) inch |
Numéro de pièce similaire - E-1048-8I3-C3A1V0-4U3-10A |
|
Description similaire - E-1048-8I3-C3A1V0-4U3-10A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |