Moteur de recherche de fiches techniques de composants électroniques |
|
E-1048-8I4-C3A3V0-4U3-2A Fiches technique(PDF) 2 Page - ETAL Group |
|
E-1048-8I4-C3A3V0-4U3-2A Fiches technique(HTML) 2 Page - ETAL Group |
2 / 6 page www.e-t-a.de Smart Power Relay E-1048-8I... 1646 2 5 Delay time ton/toff typically 5 ms / typically 1.5 ms (resistive load) (EMC filter in control input) Wire breakage monitoring in wire breakage thresholds: ON and OFF in OFF-condition (version 1): condition of load Rload > typically 100 kΩ in OFF-condition (version 2): Rload > typically 10 kΩ in ON-condition: Iload < typically 0.2 x IN indication via group fault signalisation SF (switching output) Fault indication will not be stored, i.e. after remedy of wire breakage fault indication will disappear possible options: - wire breakage indication only in ON condition - wire breakage indication only in OFF condition - no wire breakage indication) Short circuit, overload - disconnection of load, indication via in load circuit group signal SF - no automatic re-start - after remedy of the fault unit has to be reset via control input IN+ Control input IN+ Control voltage IN+ 0...5 V = “OFF”, 8.5...32 V = “ON” Control current IE 1...10 mA (8.5...DC 32 V) Reset in the event of a failure - reset via external control signal (low - high) at control input IN+ - via reset of supply voltage Switching frequency at resistive or inductive load max. 100 Hz Status and diagnostic function Control signal AS transistor output minus switching (LSS), open collector, short circuit and overload proof, max. load: DC 32 V/2 A 0 V-level: when unit is set (at IN+ = 8.4...32 V) Group signal SF transistor output minus switching (LSS), open collector, short circuit and overload proof, load max. DC 32 V/2 A 0 V-level with overload and short circuit disconnection, wire breakage indication Analogue output U(I) voltage output 0-5 V proportional to load current: 1 V = 0.2 x IN 5 V = 1.0 x IN 5 V... typically 6.5 V = overload range tolerance: (for Iload > 0.2 x IN) ± 8 % of IN max. output current 5 mA load resistance > 1 kΩ against GND Trip times response time when switching on a load: definition of t90 t90 = typically 20 ms reached 90% of final value response time of load change on duty: t90 = typically 1 ms Visual status indication Control signal AS LED yellow Group fault signal SF LED red General data Reverse polarity protection Control circuit yes Load circuit no (due to integral free-wheeling diode) Status outputs interference voltage resistance max. DC 32 V Temperature range ambient temperature - standard: -40...+85 °C without load reduction (70 °C at 20 A) - for other temperature ranges please see ordering key Tests Humid heat combined test, 9 cycles with functional test test to DIN EN 60068-2-30, Z/AD Temperature change min. temperature -40 °C, max. temperature +90 °C test to DIN IEC 60068-2-14, Nb Vibration (random) in operation, with temperature change 6 g eff. (10 Hz...2,000 Hz) test to DIN EN 60068-2-64 Shock 25 g/11 ms, 10 shocks test to DIN EN 60068-2-27 Corrosion test to DIN EN 60068-2-52, severity 3 Protection class housing IP30 to DIN 40050 higher protection class upon request EMC requirements EMC directive: emitted interference EN 61000-6-3 noise immunity EN 61000-6-2 Automotive directive: emitted interference, noise immunity: 72/245/EW6 und 95/54/E6 Terminals of INLINE version (7 pin, standard) 7 blade terminals 6.3 mm x 0.8 mm to DIN 46244-A6.3-0.8 contact material CuZn37F37 copper-plated and tin-plated Mounting: - E-T-A socket type 17-P10-Si (max. load 16 A) - on a pc board with 6.3 mm receptacles Housing INLINE version max. dimensions INLINE: 11.5 x 50 x 56 mm when plugged in 11.5 x 50 x 66 mm including terminals Materials INLINE: PA66 Mass approx. 23 g...33 g, depending on version Approvals CE, e1 logo according to EU, EMC and automotive directives Technical Data (TU = 25 °C, US = DC 24 V) (TU = ambient temperature at UN) Technical Data (TU = 25 °C, US = DC 24 V) (TU = ambient temperatureat UN) |
Numéro de pièce similaire - E-1048-8I4-C3A3V0-4U3-2A |
|
Description similaire - E-1048-8I4-C3A3V0-4U3-2A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |