Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E-1071-627-DC24V-2.0A Fiches technique(PDF) 4 Page - ETAL Group

No de pièce E-1071-627-DC24V-2.0A
Description  Designed for inductive loads (DC 24 V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETAL [ETAL Group]
Site Internet  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1071-627-DC24V-2.0A Fiches technique(HTML) 4 Page - ETAL Group

  E-1071-627-DC24V-2.0A Datasheet HTML 1Page - ETAL Group E-1071-627-DC24V-2.0A Datasheet HTML 2Page - ETAL Group E-1071-627-DC24V-2.0A Datasheet HTML 3Page - ETAL Group E-1071-627-DC24V-2.0A Datasheet HTML 4Page - ETAL Group E-1071-627-DC24V-2.0A Datasheet HTML 5Page - ETAL Group E-1071-627-DC24V-2.0A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Solid State Remote Power Controller E-1071-
623/627
www.e-t-a.de
4
1646
5
Terminal selection
E-1071-623 (0.1 - 3.1 A)
E-1071-623 (10 - 310 mA)
E-1071-627 (0.1 - 3.1 A)
E-1071-627 (10 - 310 mA)
E-1071-623 (0.1 - 3.1 A)
E-1071-623 (10 - 310 mA)
E-1071-627 (0.1 - 3.1 A)
E-1071-627 (10 - 310 mA)
Terminal
1
Operating voltage +UB: max. DC 60 V
6
Control voltage +US: max. 35 V
2
Operating voltage (-)
7
Control voltage -US
3
Load (+)
8
Status output “operation” (max. 50 mA)
4
Load (-)
9
Status output “function” (max. 50 mA)
5
Auxiliary voltage -UA for status outputs
10
Auxiliary voltage +UA for status outputs: max. DC 60 V/100 mA)


Numéro de pièce similaire - E-1071-627-DC24V-2.0A

FabricantNo de pièceFiches techniqueDescription
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-210-DC24V-1A ETAL-E-1072-210-DC24V-1A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
E-1072-210-DC24V-2A ETAL-E-1072-210-DC24V-2A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
More results

Description similaire - E-1071-627-DC24V-2.0A

FabricantNo de pièceFiches techniqueDescription
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
   TRIAC analog control circuits for inductive loads
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com