Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MB15F8XUL Datasheet(Fiches technique) 4 Page - Fujitsu Component Limited.

Numéro de pièce MB15F8XUL
Description  Fractional-N / Integer dual PLL Frequency Synthesizers
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 4 page
background image
Reference Information: MB15F88UL
Frequencies: 2490 to 2550 MHz
Step Size:
200 kHz
Hop Time:
Less than 2
µs
Charge Pump: 6.0 mA
VCO Sens:
52 MHz/V
Loop Filter values
Test Results
Phase Noise = -76.3 dBc/Hz
Spurious = -67.2 dBc
Switching Times
2490 to 2550 MHz = 144
µs
2550 to 2490 MHz = 133
µs




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
PE32931.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADF4210Dual RF/IF PLL Frequency Synthesizers 1 2 3 4 5 MoreAnalog Devices
ADF4218Dual RF PLL Frequency Synthesizers 1 2 3 4 5 MoreAnalog Devices
PE32911200 MHz / 550 MHz Dual Fractional-N FlexiPower™ PLL for Frequency Synthesis 1 2 3 4 5 MorePeregrine Semiconductor Corp.
ADF4206Dual RF PLL Frequency Synthesizers 1 2 3 4 5 MoreAnalog Devices
LMX24873.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 3.0 GHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
LMX248550 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum™ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
SA80282.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers 1 2 3 4 5 MoreNXP Semiconductors
MC1452002.0 GHz PLL Frequency Synthesizers 1 2 3 4 5 MoreMotorola, Inc
ADF4212LDual Low Power PLL Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl