Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2985LV Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LP2985LV
Description  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985LV Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LP2985LV Datasheet HTML 1Page - National Semiconductor (TI) LP2985LV Datasheet HTML 2Page - National Semiconductor (TI) LP2985LV Datasheet HTML 3Page - National Semiconductor (TI) LP2985LV Datasheet HTML 4Page - National Semiconductor (TI) LP2985LV Datasheet HTML 5Page - National Semiconductor (TI) LP2985LV Datasheet HTML 6Page - National Semiconductor (TI) LP2985LV Datasheet HTML 7Page - National Semiconductor (TI) LP2985LV Datasheet HTML 8Page - National Semiconductor (TI) LP2985LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Electrical Characteristics (Note 10) (Continued)
Limits in standard typeface are for T
J = 25˚C. and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2985AI-X.X
LP2985I-X.X
Units
(Note 6)
(Note 6)
Min
Max
Min
Max
Ripple Rejection
f = 1 kHz, C
BYPASS =10nF
45
dB
C
OUT =10µF
I
O(SC)
Short Circuit Current
R
L = 0 (Steady State)
400
mA
(Note 8)
I
O(PK)
Peak Output Current
V
OUT
≥ V
o(NOM) −5%
350
mA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The ESD rating of pins 3 and 4 for the SOT-23 package, or pins 5 and 2 for the micro SMD package, is 1 kV.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ-A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated using:
Where the value of
θJ-A for the SOT-23 package is 220˚C/W in a typical PC board mounting. Exceeding the maximum allowable dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2985LV output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN to VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN to VOUT will
turn on this diode, and possibly damage the device (See Application Hints).
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: The ON/OFF input must be properly driven to prevent possible misoperation. For details, refer to Application Hints.
Note 8: The LP2985LV has foldback current limiting which allows a high peak current when VOUT > 0.5V, and then reduces the maximum output current as VOUT
is forced to ground (see Typical Performance Characteristics curves).
Note 9: VIN must be the greater of 2.2V or VOUT(nom) + Dropout Voltage to maintain output regulation. Dropout Voltage is defined as the input to output differential
at which the output voltage drops 2% below ther value measured with a 1V differential.
Note 10: Exposing the micro SMD device to direct sunlight will cause misoperation. See Application Hints for additional information.
www.national.com
5


Numéro de pièce similaire - LP2985LV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP2985LV TI-LP2985LV Datasheet
260Kb / 15P
[Old version datasheet]   150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
logo
National Semiconductor ...
LP2985LV NSC-LP2985LV Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985LV-N TI-LP2985LV-N Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results

Description similaire - LP2985LV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com