Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSPM4521 Fiches technique(PDF) 29 Page - Integrated Device Technology

No de pièce ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4521 Fiches technique(HTML) 29 Page - Integrated Device Technology

Back Button ZSPM4521 Datasheet HTML 22Page - Integrated Device Technology ZSPM4521 Datasheet HTML 23Page - Integrated Device Technology ZSPM4521 Datasheet HTML 24Page - Integrated Device Technology ZSPM4521 Datasheet HTML 25Page - Integrated Device Technology ZSPM4521 Datasheet HTML 26Page - Integrated Device Technology ZSPM4521 Datasheet HTML 27Page - Integrated Device Technology ZSPM4521 Datasheet HTML 28Page - Integrated Device Technology ZSPM4521 Datasheet HTML 29Page - Integrated Device Technology ZSPM4521 Datasheet HTML 30Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
29
January 27, 2016
Figure 5.4
Application Using a Single-Layer PCB
Use as much copper area
as possible for heat spread
Package Thermal Pad
Package Outline
Important: If the attachment method is NOT implemented correctly, the functionality of the product is NOT
guaranteed. Power dissipation capability will be adversely affected if the device is incorrectly mounted onto the
circuit board.
6
Ordering Information
Ordering Code
Description
Package
ZSPM4521AA1W
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-pin PQFN / 7” Reel (1000 parts)
ZSPM4521AA1R
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-pin PQFN / 13” Reel (3300 parts)
ZSPM4521KIT
ZSPM4521 Evaluation Kit
7
Related Documents
Document
ZSPM4521 Feature Sheet
ZSPM4521 Evaluation Kit Description
ZSPM4521 Application Note – Solar Powered Battery
Management and Charging Solutions
Visit IDT’s website www.IDT.com or contact your nearest sales office for the latest version of these documents.


Numéro de pièce similaire - ZSPM4521

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521AA1R ETC2-ZSPM4521AA1R Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Renesas Technology Corp
ZSPM4521AA1R RENESAS-ZSPM4521AA1R Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521AA1W ETC2-ZSPM4521AA1W Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
More results

Description similaire - ZSPM4521

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com