Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSPM2000 Fiches technique(PDF) 38 Page - Integrated Device Technology

No de pièce ZSPM2000
Description  True Digital PWM Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Fiches technique(HTML) 38 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 34Page - Integrated Device Technology ZSPM2000 Datasheet HTML 35Page - Integrated Device Technology ZSPM2000 Datasheet HTML 36Page - Integrated Device Technology ZSPM2000 Datasheet HTML 37Page - Integrated Device Technology ZSPM2000 Datasheet HTML 38Page - Integrated Device Technology ZSPM2000 Datasheet HTML 39Page - Integrated Device Technology ZSPM2000 Datasheet HTML 40Page - Integrated Device Technology ZSPM2000 Datasheet HTML 41Page - Integrated Device Technology ZSPM2000 Datasheet HTML 42Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
38
January 27, 2016
6
Synchronous MOSFET Driver Features
6.1.
Introduction
The synchronous MOSFET gate driver of the ZSPM2000 is designed to drive the N-channel MOSFETs of a low
voltage step-down converter. The driver supply voltage (VDD50DRV) is 5V, and the driver is capable of driving a
3nF load. The input under-voltage lockout function guarantees the outputs are low when the supply voltage is low.
6.2.
Adaptive Non-overlap Dead-Time Control
Adaptive dead-time control is used to avoid shoot-through damage of the power MOSFETs. See section 1.3 for
the timing specifications for this function, which are illustrated in Figure 6.1. When the internal PWM signal pulls
high, the driver will monitor the gate voltage of the low side MOSFET; i.e., the DRVL pin of the ZSPM2000. When
the DRVL voltage falls below the gate threshold, DRVH will be set to high after the tpdhDRVH delay. When the PWM
is set low, DRVH will be set low, and the driver will monitor the gate voltage of the high-side MOSFET. When the
voltage between the DRVH and SW pins falls below the top gate drive threshold, DRVL will be set to high after
the tpdhDRVL delay.
Figure 6.1
Adaptive Non-overlap Dead-Time Control Timing Diagram
Note: the PWM signal is internal.
90%
10%
tfDRVL
1V
10%
90%
tpdhDRVH
trDRVH
PWM
DRVL
DRVH - SW
SW
90%
10%
tfDRVH
1.7V
10%
90%
tpdhDRVL
trDRVL
6.3.
Layout Guidelines
Layout of the point-of-load (POL) converter PCB is very important. The bootstrap (BST) pin and VDD50DRV pin
decoupling capacitors should be placed as close as possible to the ZSPM2000. The VDD50DRV bypass
capacitor should be connected to the PGND pin of the ZSPM2000.
Connect the PGND pin to the ground plane of the power stage. The ground plane can provide a good return path
for the gate drive current and reduce the ground noise. To minimize the ground loop for the low-side MOSFET,
place the PGND pin close to the source pin of the low-side MOSFET. The gate drive traces should be routed to
minimize the length; the recommended minimum width is 20 mils.


Numéro de pièce similaire - ZSPM2000

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
ZSPM2000-KIT01 RENESAS-ZSPM2000-KIT01 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
ZSPM2000ZI2R1 RENESAS-ZSPM2000ZI2R1 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
More results

Description similaire - ZSPM2000

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com