Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSPM1035C Fiches technique(PDF) 12 Page - Integrated Device Technology

No de pièce ZSPM1035C
Description  True Digital PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1035C Fiches technique(HTML) 12 Page - Integrated Device Technology

Back Button ZSPM1035C Datasheet HTML 8Page - Integrated Device Technology ZSPM1035C Datasheet HTML 9Page - Integrated Device Technology ZSPM1035C Datasheet HTML 10Page - Integrated Device Technology ZSPM1035C Datasheet HTML 11Page - Integrated Device Technology ZSPM1035C Datasheet HTML 12Page - Integrated Device Technology ZSPM1035C Datasheet HTML 13Page - Integrated Device Technology ZSPM1035C Datasheet HTML 14Page - Integrated Device Technology ZSPM1035C Datasheet HTML 15Page - Integrated Device Technology ZSPM1035C Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ZSPM1035C / ZSPM1035D Datasheet
© 2016 Integrated Device Technology, Inc.
12
January 25, 2016
2.2.
Pin Description
Pin
Name
Direction
Type
Description
1
AGND
Input
Supply
Analog Ground
2
VREFP
Output
Supply
Reference Terminal
3
VFBP
Input
Analog
Positive Input of Differential Feedback Voltage Sensing
4
VFBN
Input
Analog
Negative Input of Differential Feedback Voltage Sensing
5
ISNSP
Input
Analog
Positive Input of Differential Current Sensing
6
ISNSN
Input
Analog
Negative Input of Differential Current Sensing
7
TEMP
Input
Analog
Connection to External Temperature Sensing Element
8
VIN
Input
Analog
Power Supply Input Voltage Sensing
9
CONFIG0
Input
Analog
Configuration Selection 0
10
CONFIG1
Input
Analog
Configuration Selection 1
11
PWM
Output
Digital
High-Side FET Control Signal
12
LSE
Output
Digital
Low-Side FET Control Signal
13
PGOOD
Output
Digital
PGOOD Output (Internal Pull-Down)
14
CONTROL
Input
Digital
Control Input – Active High
15
GPIO0
Input/Output
Digital
General Purpose Input/Output Pin
16
GPIO1
Input/Output
Digital
General Purpose Input/Output Pin
17
GPIO2
Input/Output
Digital
General Purpose Input/Output Pin
18
GPIO3
Input/Output
Digital
General Purpose Input/Output Pin
19
GND
Input
Supply
Digital Ground
20
VDD18
Output
Supply
Internal 1.8V Digital Supply Terminal
21
VDD33
Input/Output
Supply
3.3V Supply Voltage Terminal
22
VDD50
Input
Supply
5.0V Supply Voltage Terminal
23
AVDD18
Output
Supply
Internal 1.8V Analog Supply Terminal
24
ADCVREF
Input
Analog
Analog-to-Digital Converter (ADC) Reference Terminal
PAD
PAD
Input
Analog
Exposed Pad, Digital Ground


Numéro de pièce similaire - ZSPM1035C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
logo
List of Unclassifed Man...
ZSPM1035CA1W0 ETC2-ZSPM1035CA1W0 Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035CA1W0 RENESAS-ZSPM1035CA1W0 Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results

Description similaire - ZSPM1035C

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com