Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MURD340T4G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MURD340T4G
Description  Switch-mode PowerRectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURD340T4G Fiches technique(HTML) 3 Page - ON Semiconductor

  MURD340T4G Datasheet HTML 1Page - ON Semiconductor MURD340T4G Datasheet HTML 2Page - ON Semiconductor MURD340T4G Datasheet HTML 3Page - ON Semiconductor MURD340T4G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURD340T4G, NRVUD340T4G
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. Typical Reverse Voltage
Figure 4. Maximum Reverse Voltage
1.0E−10
1.0E−09
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
0.0
50
100
150
200
250
300
VR, REVERSE VOLTAGE (V)
25
°C
175
°C
150
°C
1.0E−10
1.0E−09
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.0E−02
0.0
50
100
150
200
250
300
VR, REVERSE VOLTAGE (V)
25
°C
175
°C
150
°C
VR, REVERSE VOLTAGE (VOLTS)
040
20
100
Figure 5. Typical Capacitance
60
100
80
10
1.0
120
160
140
180 200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Io, AVERAGE FORWARD CURRENT
SQUARE
WAVE
DC
Figure 6. Power Dissipation
TA, AMBIENT TEMPERATURE (°C)
0
1.0
2.0
3.0
4.0
5.0
6.0
TC, CASE TEMPERATURE (°C)
100
1.0
2.0
3.0
4.0
5.0
0
6.0
110
120
130
140
150
160
170
180
Figure 7. Current Derating, Case
0
2040
6080
100
Figure 8. Current Derating, Ambient
SQUARE
WAVE
DC
120
140
160
180 200
SQUARE
WAVE
RqJC = 2°C/W
TJ = 175°C/W
DC
RqJC = 2°C/W
TJ = 175°C/W


Numéro de pièce similaire - MURD340T4G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MURD340T4G ONSEMI-MURD340T4G Datasheet
85Kb / 4P
   SWITCHMODE Power Rectifier
December, 2004 ??Rev. 0
MURD340T4G ONSEMI-MURD340T4G Datasheet
166Kb / 4P
   SWITCHMODE PowerRectifier
January, 2012 ??Rev. 2
MURD340T4G ONSEMI-MURD340T4G_12 Datasheet
166Kb / 4P
   SWITCHMODE PowerRectifier
January, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com