Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR40250G Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MBR40250G
Description  Switch-mode Schottky Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR40250G Fiches technique(HTML) 7 Page - ON Semiconductor

  MBR40250G Datasheet HTML 1Page - ON Semiconductor MBR40250G Datasheet HTML 2Page - ON Semiconductor MBR40250G Datasheet HTML 3Page - ON Semiconductor MBR40250G Datasheet HTML 4Page - ON Semiconductor MBR40250G Datasheet HTML 5Page - ON Semiconductor MBR40250G Datasheet HTML 6Page - ON Semiconductor MBR40250G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBR40250G, MBR40250TG, MBRF40250TG, MBRB40250TG
www.onsemi.com
7
PACKAGE DIMENSIONS
TO−220 FULLPAK, 3−LEAD
CASE 221AH
ISSUE F
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. ANODE
DIM
MIN
MAX
MILLIMETERS
D
14.70
15.30
E
9.70
10.30
A
4.30
4.70
b
0.54
0.84
P
3.00
3.40
e
L1
---
2.80
c
0.49
0.79
L
12.50
14.73
b2
1.10
1.40
Q
2.80
3.20
A2
2.50
2.90
A1
2.50
2.90
H1
6.60
7.10
E
Q
L1
b2
e
D
L
P
12 3
b
SEATING
PLANE
A
A1
H1
A2
c
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. CONTOUR UNCONTROLLED IN THIS AREA.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH AND GATE
PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.13 PER SIDE. THESE DIMENSIONS ARE TO BE
MEASURED AT OUTERMOST EXTREME OF THE PLASTIC BODY.
5. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION.
LEAD WIDTH INCLUDING PROTRUSION SHALL NOT EXCEED 2.00.
6. CONTOURS AND FEATURES OF THE MOLDED PACKAGE BODY
MAY VARY WITHIN THE ENVELOP DEFINED BY DIMENSIONS A1
AND H1 FOR MANUFACTURING PURPOSES.
2.54 BSC
M
0.14
M
A
A
B
C
E/2
M
0.25
M
A
B
3X
C
3X
B
NOTE 3
FRONT VIEW
SIDE VIEW
SECTION D−D
ALTERNATE CONSTRUCTION
SECTION A−A
A
NOTE 6
A
DD
NOTE 6
H1
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MBR40250/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
FULLPAK is a trademark of Semiconductor Components Industries, LLC.


Numéro de pièce similaire - MBR40250G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBR40250G ONSEMI-MBR40250G Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
MBR40250G ONSEMI-MBR40250G Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
More results

Description similaire - MBR40250G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MBRF20200CTG ONSEMI-MBRF20200CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8
MBRD5H100 ONSEMI-MBRD5H100_16 Datasheet
69Kb / 5P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7
MBRB1045G ONSEMI-MBRB1045G Datasheet
79Kb / 6P
   Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9
SUR180E ONSEMI-SUR180E Datasheet
87Kb / 6P
   Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0
MBRD5H100 ONSEMI-MBRD5H100 Datasheet
70Kb / 5P
   Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6
MBRD1035CTL ONSEMI-MBRD1035CTL_16 Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRF2060CTG ONSEMI-MBRF2060CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF2545CTG ONSEMI-MBRF2545CTG Datasheet
59Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 9
MBRF20100CTG ONSEMI-MBRF20100CTG Datasheet
55Kb / 4P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 10
MBR4015LWTG ONSEMI-MBR4015LWTG Datasheet
73Kb / 5P
   Switch Mode Schottky Power Rectifier
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com