Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UBA2050 Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce UBA2050
Description  One-chip telephone ICs with speech, dialler and ringer functions
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2050 Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button UBA2050 Datasheet HTML 12Page - NXP Semiconductors UBA2050 Datasheet HTML 13Page - NXP Semiconductors UBA2050 Datasheet HTML 14Page - NXP Semiconductors UBA2050 Datasheet HTML 15Page - NXP Semiconductors UBA2050 Datasheet HTML 16Page - NXP Semiconductors UBA2050 Datasheet HTML 17Page - NXP Semiconductors UBA2050 Datasheet HTML 18Page - NXP Semiconductors UBA2050 Datasheet HTML 19Page - NXP Semiconductors UBA2050 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
2000 May 19
16
Philips Semiconductors
Product specification
One-chip telephone ICs with speech,
dialler and ringer functions
UBA2050(A); UBA2051(A;C)
SIDETONE SUPPRESSION
The anti-sidetone network for the UBA205xx, comprising
RCC in parallel with Zline,Rast1,Rast2,Rast3,RSLPE and Zbal
(see Fig.16), suppresses the transmitted signal in the
earpiece. Maximum compensation is obtained when the
following conditions are fulfilled:
RSLPE × Rast1 =RCC × (Rast2 +Rast3)
Zbal =k × Zline
The scale factor k is chosen to meet the compatibility with
a standard capacitor from the E6 or E12 range for Zbal.
In practice, Zline varies considerably with the line type and
the line length. Therefore, the value of Zbal should be
chosen for an average line length, which gives satisfactory
sidetone suppression with short and long lines.
The suppression also depends on the accuracy of the
match between Zbal and the impedance of the average
line.
The anti-sidetone network for the UBA205xx attenuates
the received signal from the line by 32 dB before it enters
the receive stage. The attenuation is almost constant over
the whole audio frequency range.
A Wheatstone bridge configuration (see Fig.17) may also
be used.
More information on the balancing of an anti-sidetone
bridge can be obtained in our publication
“Application
Handbook for Wired Telecom Systems, IC03b”.
k
R
ast2
R
ast3
R
SLPE
+
()
×
R
ast1
R
SLPE
×
-----------------------------------------------------------
=
handbook, full pagewidth
MGT046
Im
Zir
IR
Rast1
Rast3
Rast2
SLPE
RSLPE
GND
Zline
RCC
LN
Zbal
Fig.16 Equivalent circuit of UBA205xx anti-sidetone bridge.


Numéro de pièce similaire - UBA2050

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UBA2000T PHILIPS-UBA2000T Datasheet
102Kb / 16P
   Electronic TL-lamp starter
1996 Jan 03
logo
Texas Instruments
UBA2007 TI-UBA2007 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
UBA2007TK/N2 TI-UBA2007TK/N2 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
   600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
More results

Description similaire - UBA2050

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
   Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
PCD3330-1 PHILIPS-PCD3330-1 Datasheet
152Kb / 32P
   Multistandard repertory dialler/ringer with EEPROM
1997 Jan 15
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
   VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com