Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UBA2050 Fiches technique(PDF) 36 Page - NXP Semiconductors

No de pièce UBA2050
Description  One-chip telephone ICs with speech, dialler and ringer functions
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2050 Fiches technique(HTML) 36 Page - NXP Semiconductors

Back Button UBA2050 Datasheet HTML 32Page - NXP Semiconductors UBA2050 Datasheet HTML 33Page - NXP Semiconductors UBA2050 Datasheet HTML 34Page - NXP Semiconductors UBA2050 Datasheet HTML 35Page - NXP Semiconductors UBA2050 Datasheet HTML 36Page - NXP Semiconductors UBA2050 Datasheet HTML 37Page - NXP Semiconductors UBA2050 Datasheet HTML 38Page - NXP Semiconductors UBA2050 Datasheet HTML 39Page - NXP Semiconductors UBA2050 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
2000 May 19
36
Philips Semiconductors
Product specification
One-chip telephone ICs with speech,
dialler and ringer functions
UBA2050(A); UBA2051(A;C)
Automatic gain control (pin AGC)
∆Gv(trx)
voltage gain control range for
microphone and receive
amplifiers
Iline = 85 mA; referenced to
Iline =15mA
6.0
dB
Istart
highest line current for
maximum gain
23
mA
Istop
lowest line current for
minimum gain
59
mA
Oscillator (pin XTAL)
VXTAL
DC voltage level
0.5VDD
V
Re(Zi)
real part of input impedance
of pin XTAL
VXTAL = 100 mV (RMS);
fxtal = 3.57 MHz
−−6
k
Control inputs (pins CE/CSI and CE/FDI)
VIL
LOW-level input voltage
GND
− 0.4 −
0.2VDD
V
VIH
HIGH-level input voltage
0.8VDD
VDD + 0.4 V
ILI
input leakage current
GND < Vi <VDD
−500
+500
nA
Keyboard inputs/outputs (pins C1 to C4, R1 to R4); note 2
VIL
LOW-level input voltage
0
0.2VDD
V
VIH
HIGH-level input voltage
0.8VDD
VDD
V
IOL
port sink current LOW
VOL = 0.15 V
0.7
1.6
mA
IOH1
port pull-up source 1 current
HIGH
VOH =VIH(min)
15
35
−µA
VOL =VIL(max)
70
140
µA
IOH2
port pull-up source 2 current
HIGH
VOH =VIH(min)
30
80
nA
VOL =VIL(max)
150
300
nA
Control output (pin DP/FL)
ILI
input leakage current
GND < Vi <VDD
−500
+500
nA
IOL
port sink current LOW
Vo = 0.15 V
1
2.5
mA
Control outputs (pins DMO, KT and LED)
IOL
port sink current LOW
Vo = 0.4 V
1.5
4
mA
IOH
port source current HIGH
Vo =VDD − 0.15 V
−1
−2
mA
DTMF/ringer output
TONE GENERATOR (PIN MDY/TONE); note 3
I
o
maximum output current
70
100
−µA
VHG(rms)
high group frequency voltage
(RMS value)
DTMF mode
181
mV
VLG(rms)
low group frequency voltage
(RMS value)
DTMF mode
142
mV
GV
pre-emphasis of group
1.5
2.0
2.5
dB
VDC
DC voltage level
0.5VDD
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - UBA2050

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UBA2000T PHILIPS-UBA2000T Datasheet
102Kb / 16P
   Electronic TL-lamp starter
1996 Jan 03
logo
Texas Instruments
UBA2007 TI-UBA2007 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
UBA2007TK/N2 TI-UBA2007TK/N2 Datasheet
115Kb / 19P
[Old version datasheet]   Charge switch
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
   600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
   600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
More results

Description similaire - UBA2050

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
   Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
PCD3330-1 PHILIPS-PCD3330-1 Datasheet
152Kb / 32P
   Multistandard repertory dialler/ringer with EEPROM
1997 Jan 15
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
   VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com