Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8250ARMZ-RL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8250ARMZ-RL
Description  10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ-RL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8250ARMZ-RL Datasheet HTML 5Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 6Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 9Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 10Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 11Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 12Page - Analog Devices AD8250ARMZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8250
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = +15 V, −VS = −15 V, RL = 10 kΩ, unless otherwise noted.
1400
1200
800
1000
600
400
200
0
CMRR (µV/V)
–120
–90
–60
–30
0
30
60
90
120
Figure 6. Typical Distribution of CMRR, G = 1
300
350
250
200
150
100
50
0
–200
200
100
0
–100
–50
50
–150
150
OFFSET VOLTAGE RTI (µV)
Figure 7. Typical Distribution of Offset Voltage, VOSI
600
500
400
300
200
100
0
–30
30
10
20
0
–10
–20
INPUT BIAS CURRENT (nA)
Figure 8. Typical Distribution of Input Bias Current
500
400
300
200
100
0
–30
30
20
10
0
–20
–10
INPUT OFFSET CURRENT (nA)
Figure 9. Typical Distribution of Input Offset Current
90
0
10
20
30
40
50
60
70
80
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1
G = 2
G = 5
G = 10
Figure 10. Voltage Spectral Density Noise vs. Frequency
1s/DIV
2µV/DIV
Figure 11. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 1


Numéro de pièce similaire - AD8250ARMZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8250ARMZ-RL AD-AD8250ARMZ-RL Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results

Description similaire - AD8250ARMZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
AD8253 AD-AD8253 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8251 AD-AD8251 Datasheet
128Kb / 8P
   12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8250 AD-AD8250 Datasheet
125Kb / 8P
   12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com